Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93A66RFJ-WE2 Datasheet(PDF) 2 Page - Rohm

Part # BR93A66RFJ-WE2
Description  High Reliability Serial EEPROMs High Reliability Series
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93A66RFJ-WE2 Datasheet(HTML) 2 Page - Rohm

  BR93A66RFJ-WE2 Datasheet HTML 1Page - Rohm BR93A66RFJ-WE2 Datasheet HTML 2Page - Rohm BR93A66RFJ-WE2 Datasheet HTML 3Page - Rohm BR93A66RFJ-WE2 Datasheet HTML 4Page - Rohm BR93A66RFJ-WE2 Datasheet HTML 5Page - Rohm BR93A66RFJ-WE2 Datasheet HTML 6Page - Rohm BR93A66RFJ-WE2 Datasheet HTML 7Page - Rohm BR93A66RFJ-WE2 Datasheet HTML 8Page - Rohm BR93A66RFJ-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Technical Note
BR93L□□-W Series, 93A□□-WM Series, BR93H□□-WC Series
2/40
www.rohm.com
2011.09 - Rev.G
© 2011 ROHM Co., Ltd. All rights reserved.
Serial EEPROM Series
High Reliability Series
EEPROMs Microwire BUS
BR93L□□-W Series, 93A□□-WM Series
●Description
BR93L□□-W Series, BR93A□□-WM Series are serial EEPROM of serial 3-line interface method
●Features
1) 3-line communications of chip select, serial clock, serial data input / output (the case where input and output are shared)
2) Actions available at high speed 2MHz clock(2.5~5.5V)
3) Speed write available (write time 5ms max.)
4) Same package and pin layout from 1Kbit to 16Kbit
5) 1.8~5.5V (BR93L□□-W Series), 2.5~5.5V(BR93A□□-WM Series) single power source action
6) Address auto increment function at read action
7) Write mistake prevention function
Write prohibition at power on
Write prohibition by command code
Write mistake prevention function at low voltage
8) Program cycle auto delete and auto end function
9) Program condition display by READY / BUSY
10) Low current consumption
At write action (at 5V) : 1.2mA (Typ.)
At read action (at 5V) : 0.3mA (Typ.)
At standby action (at 5V) : 0.1
μA (Typ.)(CMOS input)
11) TTL compatible( input / output s)
12) Compact package SOP8/SOP-J8/SSOP-B8/TSSOP-B8/MSOP8/TSSOP-B8J
*1
13) Data retention for 40 years
14) Endurance up to 1,000,000 times
15) Data at shipment all addresses FFFFh
*1 Only SOP8, SOP-J8, TSSOP-B8, MSOP8 for BR93A□□-WM
●BR93L, BR93A Series
Package type
SOP8
SOP-J8
SSOP-B8
TSSOP-B8
MSOP8
TSSOP-B8J
Capacity
Bit format
Type
Power source
voltage
F
RF
FJ
RFJ
FV
RFV
FVT RFVT
RFVM
RFVJ
1Kbit
64×16
BR93L46-W
1.8~5.5V
2Kbit
128×16
BR93L56-W
1.8~5.5V
4Kbit
256×16
BR93L66-W
1.8~5.5V
8Kbit
512×16
BR93L76-W
1.8~5.5V
16Kbit
1K×16
BR93L86-W
1.8~5.5V
1Kbit
64×16
BR93A46-WM
2.5~5.5V
2Kbit
128×16
BR93A56-WM
2.5~5.5V
4Kbit
256×16
BR93A66-WM
2.5~5.5V
8Kbit
512×16
BR93A76-WM
2.5~5.5V
16Kbit
1K×16
BR93A86-WM
2.5~5.5V


Similar Part No. - BR93A66RFJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93A66RFJ-WE2 ROHM-BR93A66RFJ-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results

Similar Description - BR93A66RFJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR25S128F-WE2 ROHM-BR25S128F-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com