Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU3DUA3WNVX-TL Datasheet(PDF) 2 Page - Rohm

Part # BU3DUA3WNVX-TL
Description  Versatile Package FULL CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU3DUA3WNVX-TL Datasheet(HTML) 2 Page - Rohm

  BU3DUA3WNVX-TL Datasheet HTML 1Page - Rohm BU3DUA3WNVX-TL Datasheet HTML 2Page - Rohm BU3DUA3WNVX-TL Datasheet HTML 3Page - Rohm BU3DUA3WNVX-TL Datasheet HTML 4Page - Rohm BU3DUA3WNVX-TL Datasheet HTML 5Page - Rohm BU3DUA3WNVX-TL Datasheet HTML 6Page - Rohm BU3DUA3WNVX-TL Datasheet HTML 7Page - Rohm BU3DUA3WNVX-TL Datasheet HTML 8Page - Rohm BU3DUA3WNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300040-1-2
TSZ22111・15・001
2/11
21.MAR.2013.Rev.003
BUxxUA3WNVX series
Datasheet
●Connection Diagram
●Pin Descriptions
● Ordering Information
1 VOUT
2 GND
3 STBY
4 VIN
SSON004X1010 (TOP VIEW)
Part Number Marking
LOT Number
1PIN MARK
1
2
SSON004X1010
PIN No.
Symbol
Function
1
VOUT
Output Voltage
2
GND
Grouding
3
STBY
ON/OFF control of output voltage
(High: ON, Low: OFF)
4
VIN
Power Supply Voltage
BU
x
x
U
A
3
W
N
V
X
-
T
L
Part
Output Voltage
Low Dropout Voltage
with
Package
Packageing and forming specification
Number
10 : 1.0V
Maximum Output Current
output discharge NVX : SSON004X1010
Embossed tape and reel
300mA
TL : The pin number 1 is the lower left
37 : 3.7V
SSON004X1010
(Unit : mm)
1.0
±0.1
1PIN MARK
S
0.05
0.65
±0.05
0.48
±0.05
0.25
±0.05
1
45º
4
2
3
3-C0.18
R0.05
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the left hand
5000pcs
TL
()
Direction of feed
Reel
1pin


Similar Part No. - BU3DUA3WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3DUC3WG-TL ROHM-BU3DUC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU3DUC3WG-TR ROHM-BU3DUC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

Similar Description - BU3DUA3WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com