Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZT71_1301 Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZT71_1301
Description  Programmable Capacitive Tuning IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZT71_1301 Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZT71_1301 Datasheet HTML 1Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 2Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 3Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 4Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 5Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 6Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 7Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 8Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Arizona Microtek, Inc.
AZT71
Programmable Capacitive Tuning IC
www.azmicrotek.com
+1-480-962-5881
2
Request a Sample
Jan 2013, Rev 1.3
PIN DESCRIPTION AND CONFIGURATION
Table 1 - Pin Description SON8 Package (1.5mm x 1.0mm)
Pin
Name
Type
Function
1
X1
Output
Capacitance
2
NC
n/a
not connected
3
VSS
Power
Negative Supply (GND)
4
VDD
Power
Positive Supply
5
DA
Input
Programming Data Input
6
CLK
Input
Programming Clock Input
7
NC
n/a
not connected
8
PV
Input
Programming Voltage
Table 2 - Pin Description TSOT6 Package
Pin
Name
Type
Function
1
X1
Output
Capacitance
2
VSS
Power
Negative Supply (GND)
3
PV
Input
Programming Voltage
4
CLK
Input
Programming Clock Input
5
DA
Input
Programming Data Input
6
VDD
Power
Positive Supply
Table 3 - Pin Description 6MLP Package (2.0mm x 2.0mm)
Pin
Name
Type
Function
1
X1
Output
Capacitance
2
VSS
Power
Negative Supply (GND)
3
VDD
Power
Positive Supply
4
DA
Input
Programming Data Input
5
CLK
Input
Programming Clock Input
6
PV
Input
Programming Voltage
1
X1
VSS
VDD
DA
CLK
PV
2
3
6
5
4
Figure 1 - Pin Configuration SON8
Figure 2 - Pin Configuration TSOT6
Figure 3 - Pin Configuration 6MLP
1
X1
NC
VSS
VDD
DA
CLK
NC
PV
2
3
4
8
7
6
5
1
X1
VSS
VDD
DA
CLK
PV
2
3
6
5
4


Similar Part No. - AZT71_1301

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZT71HG AZM-AZT71HG Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
AZT71MG AZM-AZT71MG Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
AZT71QG AZM-AZT71QG Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
More results

Similar Description - AZT71_1301

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZT70 AZM-AZT70 Datasheet
622Kb / 12P
   Programmable Capacitive Tuning IC
AZT71 AZM-AZT71 Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
   Programmable low-power capacitive sensor conditioning IC
logo
Rohm
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
logo
Analog Microelectronics
CAV414 AME-CAV414 Datasheet
70Kb / 6P
   Converter IC for Capacitive Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com