Electronic Components Datasheet Search |
|
BR93A76RFV-WE2 Datasheet(PDF) 4 Page - Rohm |
|
BR93A76RFV-WE2 Datasheet(HTML) 4 Page - Rohm |
4 / 41 page Technical Note BR93L□□-W Series, 93A□□-WM Series, BR93H□□-WC Series 4/40 www.rohm.com 2011.09 - Rev.G © 2011 ROHM Co., Ltd. All rights reserved. ●Electrical characteristics (Unless otherwise specified, VCC=2.5~5.5V, Ta=-40~+85℃, BR93L□□-W, Ta=-40~+105℃, BR93A□□-WM) Parameter Symbol Limits Unit Condition Min. Typ. Max. “L” input voltage 1 VIL1 -0.3 - +0.8 V 4.0V≦VCC≦5.5V “L” input voltage 2 VIL2 -0.3 - 0.2 x VCC V VCC≦4.0V “H” input voltage 1 VIH1 2.0 - VCC+0.3 V 4.0V≦VCC≦5.5V “H” input voltage 2 VIH2 0.7 x VCC - VCC+0.3 V VCC≦4.0V “L” output voltage 1 VOL1 0 - 0.4 V IOL=2.1mA, 4.0V≦VCC≦5.5V “L” output voltage 2 VOL2 0 - 0.2 V IOL=100 μA “H” output voltage 1 VOH1 2.4 - VCC V IOH=-0.4mA, 4.0V≦VCC≦5.5V “H” output voltage 2 VOH2 VCC-0.2 - VCC V IOH=-100 μA Input leak current ILI -1 - +1 µA VIN=0V~VCC Output leak current ILO -1 - +1 µA VOUT=0V~VCC, CS=0V Current consumption at action ICC1 - - 3.0 mA fSK=2MHz, tE/W=5ms (WRITE) ICC2 - - 1.5 mA fSK=2MHz (READ) ICC3 - - 4.5 mA fSK=2MHz, tE/W=5ms (WRAL, ERAL) Standby current ISB - - 2 µA CS=0V, DO=OPEN ◎Radiation resistance design is not made. (Unless otherwise specified, VCC=1.8~2.5V, Ta=-40~+85℃, BR93L□□-W) Parameter Symbol Limits Unit Condition Min. Typ. Max. “L” input voltage VIL -0.3 - 0.2 x VCC V “H” input voltage VIH 0.7 x VCC - VCC+0.3 V “L” output voltage VOL 0 - 0.2 V IOL=100 μA “H” output voltage VOH VCC-0.2 - VCC V IOH=-100 μA Input leak current ILI -1 - +1 μA VIN=0V~VCC Output leak current ILO -1 - +1 μA VOUT=0V~VCC, CS=0V Current consumption at action ICC1 - - 1.5 mA fSK=500kHz, tE/W=5ms (WRITE) ICC2 - - 0.5 mA fSK=500kHz (READ) ICC3 - - 2 mA fSK=500kHz, tE/W=5ms (WRAL, ERAL) Standby current ISB - - 2 μA CS=0V, DO=OPEN ◎Radiation resistance design is not made. |
Similar Part No. - BR93A76RFV-WE2 |
|
Similar Description - BR93A76RFV-WE2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |