Electronic Components Datasheet Search |
|
BR93H66RFVM-WE2 Datasheet(PDF) 5 Page - Rohm |
|
BR93H66RFVM-WE2 Datasheet(HTML) 5 Page - Rohm |
5 / 41 page Technical Note BR93L□□-W Series, 93A□□-WM Series, BR93H□□-WC Series 5/40 www.rohm.com 2011.09 - Rev.G © 2011 ROHM Co., Ltd. All rights reserved. ●Action timing characteristics (BR93L□□-W, Ta=-40~+85℃, VCC=2.5~5.5V, BR93A□□-WM, Ta=-40~+105℃, VCC=2.5~5.5V) Parameter Symbol 2.5V≦VCC≦5.5V Unit Min. Typ. Max. SK frequency fSK - - 2 MHz SK “H” time tSKH 230 - - ns SK “L” time tSKL 230 - - ns CS “L” time tCS 200 - - ns CS setup time tCSS 50 - - ns DI setup time tDIS 100 - - ns CS hold time tCSH 0 - - ns DI hold time tDIH 100 - - ns Data “1” output delay time tPD1 - - 200 ns Data “0” output delay time tPD0 - - 200 ns Time from CS to output establishment tSV - - 150 ns Time from CS to High-Z tDF - - 150 ns Write cycle time tE/W - - 5 ms (BR93L□□-W, Ta=-40~+85℃, VCC=1.8~2.5V) Parameter Symbol 1.8V≦VCC≦2.5V Unit Min. Typ. Max. SK frequency fSK - - 500 kHz SK “H” time tSKH 0.8 - - us SK “L” time tSKL 0.8 - - us CS “L” time tCS 1 - - us CS setup time tCSS 200 - - ns DI setup time tDIS 100 - - ns CS hold time tCSH 0 - - ns DI hold time tDIH 100 - - ns Data “1” output delay time tPD1 - - 0.7 us Data “0” output delay time tPD0 - - 0.7 us Time from CS to output establishment tSV - - 0.7 us Time from CS to High-Z tDF - - 200 ns Write cycle time tE/W - - 5 ms ●Sync data input / output timing ○Data is taken by DI sync with the rise of SK. ○At read action, data is output from DO in sync with the rise of SK. ○The status signal at write (READY / BUSY) is output after tCS from the fall of CS after write command input, at the area DO where CS is “H”, and valid until the next command start bit is input. And, while CS is “L”, DO becomes High-Z. ○After completion of each mode execution, set CS “L” once for internal circuit reset, and execute the following action mode. Fig.1 Sync data input / output timing CS SK DO(READ) DI DO(WRITE) tCSS tSKH tSKL tCSH tDIS tDI H tPD1 tPD0 tDF STATUS VALID |
Similar Part No. - BR93H66RFVM-WE2 |
|
Similar Description - BR93H66RFVM-WE2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |