Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSB810 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSB810
Description  Audio Frequency Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB810 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSB810 Datasheet HTML 1Page - Fairchild Semiconductor KSB810 Datasheet HTML 2Page - Fairchild Semiconductor KSB810 Datasheet HTML 3Page - Fairchild Semiconductor KSB810 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
* PW
≤10ms, Duty cycle≤50%
Electrical Characteristics T
a=25°C unless otherwise noted
* Pulse Test: PW
≤350µs, Duty cycle≤2%
hFE Classification
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
-30
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current (DC)
-700
mA
ICP
* Collector Current (Pulse)
-1.0
A
PC
Collector Power Dissipation
350
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB= -30V, IE=0
-100
nA
IEBO
Emitter Cut-off Current
VEB= -5V, IC=0
-100
nA
hFE1
hFE2
* DC Current Gain
VCE= -1V, IC= -100mA
VCE= -1V, IC= -700mA
70
35
200
100
400
VBE (on)
* Base-Emitter on Voltage
VCE= -6V, IC= -10mA
-600
-640
-700
mV
VCE (sat)
* Collector-Emitter Saturation Voltage
IC= -700mA, IB= -70mA
-0.25
-0.4
V
VBE (sat)
* Base-Emitter Saturation Voltage
IC= -700mA, IB= -70mA
-0.95
-1.2
V
Cob
Output Capacitance
VCB= -6V, IE=0, f=1MHz
17
40
pF
fT
Current Gain Bandwidth Product
VCE= -6V, IC=-10mA
50
160
MHz
Classification
O
Y
G
hFE1
70 ~ 140
120 ~ 240
200 ~ 400
KSB810
Audio Frequency Amplifier
• Complement to KSD1020
1.Emitter 2. Collector 3. Base
TO-92S
1


Similar Part No. - KSB810

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSB811 SAMSUNG-KSB811 Datasheet
71Kb / 2P
   PNP (AUDIO FREQUENCY POWER AMPLIFIER)
logo
Fairchild Semiconductor
KSB811 FAIRCHILD-KSB811 Datasheet
41Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
Jiangsu Changjiang Elec...
KSB811 JIANGSU-KSB811 Datasheet
506Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
logo
Fairchild Semiconductor
KSB817 FAIRCHILD-KSB817 Datasheet
56Kb / 5P
   Audio Power Amplifier Car Booster Output Amplifier DC to DC Converter
More results

Similar Description - KSB810

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
2SB624 LUGUANG-2SB624 Datasheet
1Mb / 2P
   Audio frequency amplifier.
logo
Fairchild Semiconductor
KSD1020 FAIRCHILD-KSD1020 Datasheet
39Kb / 4P
   Audio Frequency Amplifier
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
   Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
   Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC3423-Y TOSHIBA-2SC3423-Y Datasheet
127Kb / 5P
   Audio Frequency Amplifier Applications
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
   Audio Frequency Amplifier Applications
logo
Fairchild Semiconductor
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
KSD985 FAIRCHILD-KSD985 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
KSB772 FAIRCHILD-KSB772 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
KSC2682 FAIRCHILD-KSC2682 Datasheet
48Kb / 5P
   Audio Frequency Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com