Electronic Components Datasheet Search |
|
TCJA476M0060200 Datasheet(PDF) 6 Page - AVX Corporation |
|
TCJA476M0060200 Datasheet(HTML) 6 Page - AVX Corporation |
6 / 6 page 72 ■ MAY 2013 TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode RATINGS & PART NUMBER REFERENCE Moisture Sensitivity Level (MSL) is defined according to J-STD-020. All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. ESR allowed to move up to 1.25 times catalog limit post mounting. For typical weight and composition see page 142. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. Rated DCL DF ESR 100kHz RMS Current (mA) 100kHz RMS Voltage (mV) AVX Case Capacitance Voltage (μA) % Max. (mΩ) MSL Part No. Size (μF) (V) Max. Max. @100kHz 25ºC 85ºC 105ºC 25ºC 85ºC 105ºC 50 Volt @ 85°C (40 Volt @ 105°C) TCJB684M050#0400 B 0.68 50 3.4 6 400 3 461 415 300 184 166 120 TCJB105M050#0300 B 1.0 50 5.0 6 300 3 532 479 346 160 144 104 TCJB155M050#0300 B 1.5 50 7.5 6 300 3 532 479 346 160 144 104 TCJC155M050#0300 C 1.5 50 7.5 6 300 3 606 545 394 182 163 118 TCJC225M050#0300 C 2.2 50 11 6 300 3 606 545 394 182 163 118 TCJC335M050#0200 C 3.3 50 16.5 8 200 3 742 667 482 148 133 96 TCJC475M050#0200 C 4.7 50 23.5 8 200 3 742 667 482 148 133 96 TCJC685M050#0200 C 6.8 50 34.0 8 200 3 742 667 482 148 133 96 TCJD685M050#0120 D 6.8 50 34.0 10 120 3 1118 1006 727 134 121 87 TCJD106M050#0120 D 10 50 50.0 10 120 3 1118 1006 727 134 121 87 TCJE106M050#0070 E 10 50 50.0 6 70 3 1535 1382 998 107 97 70 TCJE106M050#0100 E 10 50 50.0 6 100 3 1285 1156 835 128 116 83 TCJE156M050#0070 E 15 50 75.0 6 70 3 1535 1382 998 107 97 70 TCJE156M050#0100 E 15 50 75.0 6 100 3 1285 1156 835 128 116 83 63 Volt @ 85°C (50.4 Volt @ 105°C) TCJB474M063#0400 B 0.47 63 3.0 8 400 3 461 415 300 184 166 120 TCJB684M063#0300 B 0.68 63 4.3 8 300 3 532 479 346 160 144 104 TCJB105M063#0300 B 1.0 63 6.3 8 300 3 532 479 346 160 144 104 TCJC105M063#0300 C 1.0 63 6.3 6 300 3 606 545 394 182 163 118 TCJC155M063#0300 C 1.5 63 9.5 6 300 3 606 545 394 182 163 118 TCJC225M063#0200 C 2.2 63 13.9 6 200 3 742 667 482 148 133 96 TCJC335M063#0200 C 3.3 63 20.8 6 200 3 742 667 482 148 133 96 TCJC475M063#0200 C 4.7 63 29.6 6 200 3 742 667 482 148 133 96 TCJD475M063#0120 D 4.7 63 29.6 6 120 3 1118 1006 727 134 121 87 TCJD685M063#0120 D 6.8 63 42.8 6 120 3 1118 1006 727 134 121 87 TCJE685M063#0100 E 6.8 63 42.8 6 100 3 1285 1156 835 128 116 83 TCJE685M063#0150 E 6.8 63 42.8 6 150 3 1049 944 682 157 142 102 TCJE106M063#0100 E 10 63 63.0 6 100 3 1285 1156 835 128 116 83 TCJE106M063#0150 E 10 63 63.0 6 150 3 1049 944 682 157 142 102 75 Volt @ 85°C (60 Volt @ 105°C) TCJD475M075#0150 D 4.7 75 35.3 6 150 3 1000 900 650 150 135 98 TCJD685M075#0120 D 6.8 75 51.0 6 120 3 1118 1006 727 134 121 87 100 Volt @ 85°C (80 Volt @ 105°C) TCJV685M100#0250 V 6.8 100 68.0 8 250 3 1000 900 650 250 225 163 125 Volt @ 85°C (100 Volt @ 105°C) TCJD335M125#0250 D 3.3 125 41.2 8 250 3 775 697 503 194 174 126 Voltage vs Temperature Rating 100% 80% 100% 80% 80% 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% -55°C 0°C 40°C 60°C 85°C 105°C Rated range Recommended derating |
Similar Part No. - TCJA476M0060200 |
|
Similar Description - TCJA476M0060200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |