Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL6300A Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FL6300A
Description  Design Guideline of AC-DC Converter Using FL6961, FL6300A for 70W LED Lighting
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FL6300A Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FL6300A Datasheet HTML 5Page - Fairchild Semiconductor FL6300A Datasheet HTML 6Page - Fairchild Semiconductor FL6300A Datasheet HTML 7Page - Fairchild Semiconductor FL6300A Datasheet HTML 8Page - Fairchild Semiconductor FL6300A Datasheet HTML 9Page - Fairchild Semiconductor FL6300A Datasheet HTML 10Page - Fairchild Semiconductor FL6300A Datasheet HTML 11Page - Fairchild Semiconductor FL6300A Datasheet HTML 12Page - Fairchild Semiconductor FL6300A Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AN-9736
APPLICATION NOTE
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 4/8/11
10
Do
CC Control Part
CV Control Part
VRef
Vsen_CV
Vo
VOCV
VRef
VOCC
R5
R8
R4
C1
R7
C2
R1
R2
R3
R6
Vsen_CC
C1
C2
Figure 16.
Feedback Circuit for CC/CV
Operation
VOCV
V _CV
R
R
V _CV V
1
C
1
R
V _CV V
dt
(32)
where the Vsen_CV means the sensing output voltage from
the output stage and is divided by R4 and R8 resistor.
Sensing resistor R4 and its value directly effect the CC
control block output.
Normally, the CC block is more dominate than the CV
block in steady state and the CV block acts as the Over-
Voltage Protection (OVP) at transient or abnormal mode,
such as no load condition.
The output signal of CC block is determined as:
VOCC
R
V _CC
R
V
R
1
C
V _CC
R
V
R
dt
(33)


Similar Part No. - FL6300A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL6300A FAIRCHILD-FL6300A Datasheet
912Kb / 13P
   Quasi-Resonant Current Mode PWM Controller for Lighting
logo
ON Semiconductor
FL6300A ONSEMI-FL6300A Datasheet
599Kb / 15P
   Quasi-Resonant Current Mode PWM Controller for Lighting
November 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FL6300AMY FAIRCHILD-FL6300AMY Datasheet
912Kb / 13P
   Quasi-Resonant Current Mode PWM Controller for Lighting
More results

Similar Description - FL6300A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9737 FAIRCHILD-AN-9737 Datasheet
390Kb / 11P
   Design Guideline for Single-Stage Flyback AC-DC Converter Using FL6961 for LED Lighting
AN-9738 FAIRCHILD-AN-9738 Datasheet
1Mb / 25P
   Design Guideline on 150W Power Supply for LED Street Lighting Design Using FL7930B and FAN7621S
AN-9741 FAIRCHILD-AN-9741 Datasheet
379Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FL103M
AN-9735 FAIRCHILD-AN-9735 Datasheet
481Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FAN103 & FSEZ1317
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
AN-9729 FAIRCHILD-AN-9729 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 100W Street Lighting
logo
Rohm
BD521GOFJ ROHM-BD521GOFJ Datasheet
1Mb / 20P
   AC/DC controller IC for LED lighting
logo
STMicroelectronics
AN4218 STMICROELECTRONICS-AN4218 Datasheet
1Mb / 26P
   Hardware design guideline
logo
Cypress Semiconductor
CY8CLEDAC02 CYPRESS-CY8CLEDAC02 Datasheet
1Mb / 20P
   AC-DC Controller for Dimmable LED Lighting
logo
STMicroelectronics
AN2450 STMICROELECTRONICS-AN2450 Datasheet
752Kb / 35P
   LLC resonant half-bridge converter design guideline
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com