Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL6961 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FL6961
Description  Design Guideline for Single-Stage Flyback AC-DC Converter Using FL6961 for LED Lighting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FL6961 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FL6961 Datasheet HTML 1Page - Fairchild Semiconductor FL6961 Datasheet HTML 2Page - Fairchild Semiconductor FL6961 Datasheet HTML 3Page - Fairchild Semiconductor FL6961 Datasheet HTML 4Page - Fairchild Semiconductor FL6961 Datasheet HTML 5Page - Fairchild Semiconductor FL6961 Datasheet HTML 6Page - Fairchild Semiconductor FL6961 Datasheet HTML 7Page - Fairchild Semiconductor FL6961 Datasheet HTML 8Page - Fairchild Semiconductor FL6961 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AN-9737
APPLICATION NOTE
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 4/13/11
3
As a result, designers should consider two conditions before
component selection: voltage and current capacity on
primary-side MOSFET(Q1) and secondary-side diode (D3)
to make a stable system with margin.
Figure 4 shows a guide to deciding two components on the
boundary
condition
of
flyback
converter
topology.
Figure 4. Boundary Conditions of Flyback Converter
Topology (Refer to AN-8025)
Design Example
A. Transformer Design
A design guideline of 16.8W single-stage flyback AC-DC
converter using FL6961 is presented. The applied system
parameters are shown in Table 1.
Table 1.
System Parameters
Parameter
Value
Main Input Voltage Range, VAC(main)
90V~265V
Output Voltage, VOUT
24V
Output Current, IOUT
0.7A
Minimum Switching Frequency at VAC(min)_pk
50kHz
Diode Voltage Drop, Vd
1V
MOSFET On Resistance, RMOS
1
Window Utilization
0.4
Target System Efficiency
0.82
Maximum Duty at Vac(min)_pk
0.35
Operating Maximum Flux Density
0.35
Regulation,
α
0.5%
Note:
1.
Regulation is strongly related with the copper loss and
0.5% regulation means 0.084W loss on transformer.
There are many ways to decide core and coil size and turns,
such as using AL value and following common practices. In
this note, use the Kg value related with the core geometry to
find optimum core and coil information.
Step 1. Calculate the total period, T:
20
1 =
=
f
T
[µs]
Step 2. Calculate the maximum on-time at MOSFET in
primary side.
7
)
35
.
0
)(
10
20
(
6
max
=
×
=
=
TD
t
on
[µs]
Step 3. Calculate the output power:
5
.
17
)
1
24
(
7
.
0
)
(
=
+
=
+
=
d
o
o
V
V
I
P
[W]
Step 4. Calculate the maximum input current, Imax:
168
.
0
)
82
.
0
)(
90
2
(
5
.
17
min
(max)
=
×
=
=
η
V
P
I
o
in
[A]
Step 5. Calculate the MOSFET voltage drop, Vvd:
168
.
0
(max)
=
=
MOS
in
vd
R
I
V
[V]
Step 6. Calculate the primary voltage on transformer, Vp:
127
168
.
0
127
min
=
=
vd
P
V
V
V
[V]
Vp=126.83 use 127
Step 7. Calculate the primary peak current, Ippk:
96
.
0
)
10
7
)(
127
(
82
.
0
)
5
.
17
)(
10
20
(
2
2
6
6
(max)
=
×
×
=
=
on
p
ppk
t
V
TP
I
η
[A]
Step 8. Calculate the primary rms current, Iprms:
32
.
0
)
10
20
(
3
)
10
7
(
96
.
0
3
6
6
=
×
×
=
=
T
t
I
I
on
ppk
prms
[A]
Step 9. Calculate the required minimum inductance, L:
926
.
0
96
.
0
)
10
7
(
127
6
(max)
=
×
=
=
ppk
on
p
I
t
V
L
[mH]
L=0.926[mH] use 1[mH]
Step 10. Calculate the energy-handing capability in watt-
seconds, w-s:
0004608
.
0
2
)
96
.
0
)(
10
1
(
2
2
3
2
=
×
=
=
ppk
LI
ENG
[w-s]
Step11. Calculate the electrical conditions, Ke:
00003108
.
0
10
)
35
.
0
)(
5
.
17
(
145
.
0
10
145
.
0
4
2
4
2
=
×
=
×
=
m
e
PB
K
Step 12. Calculate the core geometry, Kg:


Similar Part No. - FL6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
FL6961 FAIRCHILD-FL6961 Datasheet
465Kb / 13P
   Design Guideline of AC-DC Converter Using FL6961, FL6300A for 70W LED Lighting
logo
ON Semiconductor
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FL6961MY FAIRCHILD-FL6961MY Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL6961MY ONSEMI-FL6961MY Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
More results

Similar Description - FL6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9736 FAIRCHILD-AN-9736 Datasheet
465Kb / 13P
   Design Guideline of AC-DC Converter Using FL6961, FL6300A for 70W LED Lighting
AN-9741 FAIRCHILD-AN-9741 Datasheet
379Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FL103M
AN-9735 FAIRCHILD-AN-9735 Datasheet
481Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FAN103 & FSEZ1317
AN-9738 FAIRCHILD-AN-9738 Datasheet
1Mb / 25P
   Design Guideline on 150W Power Supply for LED Street Lighting Design Using FL7930B and FAN7621S
logo
Infineon Technologies A...
ICL8001G INFINEON-ICL8001G Datasheet
620Kb / 16P
   Single-Stage Flyback And PFC Controller For LED Lighting Applications
Version 1.0, May 6, 2010
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
logo
Taiwan Semiconductor Co...
TS19705CX6 TSC-TS19705CX6 Datasheet
244Kb / 8P
   Single Stage Flyback or Buck-Boost Current Control with Active PFC for LED lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com