Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3Z-D66 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3Z-D66
Description  Compact Photoelectric Sensor with Built-in Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-D66 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3Z-D66 Datasheet HTML 7Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 8Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 9Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 10Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 11Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 12Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 13Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 14Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
E3Z
Operating Range
Diffuse-reflective Models
Diffuse-reflective Models
Narrow-beam Reflective Models
E3Z-D
@1(D@6)
E3Z-D
@2(D@7)
E3Z-L
@1(L@6)
Excess Gain vs. Set Distance
Through-beam Models
Retro-reflective Models
Diffuse-reflective Models
E3Z-T
@1(T@6)/-T@A/-T@2(T@7)
E3Z-R
@1(R@6) and Reflector
E3Z-D
@1(D@6)
Diffuse-reflective Models
Narrow-beam Reflective Models
Limited reflective Models
E3Z-D
@2(D@7)
E3Z-L
@1(L@6)
E3Z-L
@3(L@8)
30
20
10
0
−10
−20
−30
250
150
200
100
50
Y
X
Sensing object: 100
× 100 mm
white paper
Distance
X (m)
80
60
40
20
0
−20
−40
−60
−80
1.6
1.0
1.2
0.6
1.4
0.8
0.2
0.4
Y
X
Sensing object: 300
× 300 mm white paper
Distance
X (m)
Y
X
10
8
6
4
2
0
−2
−4
−6
−8
−10
Sensing object: 100
× 100 mm white paper
50
100
150
200
250
Distance
X (m)
100
10
1
0.1
0
10
20
30
40
50
70
60
80
E3Z-T
@A
E3Z-T
@2 (T@7)
E3Z-T
@1 (T@6)
Distance (m)
100
10
1
0.1
10
68
4
2
0
E39-R1S
E39-R1
E39-R10
E39-R2
E39-R1K
E39-R3
E39-R9
Distance (m)
100
70
50
30
10
7
5
3
1
0.7
0.5
0.3
0.1
0
50
100
150
200
250
300
350
Distance (m)
Operating
level
Sensing object: 100
× 100 mm white paper
100
70
50
30
10
7
5
3
1
0.7
0.5
0.3
0.1
0
0.5
1
1.5
2.5
23
Distance (m)
Operating
level
Sensing object: 300
× 300 mm white paper
100
70
50
30
10
7
5
3
1
0.7
0.5
0.3
0.1
0
50
100
150
200
250
300
350
Distance (m)
Operating
level
SUS
White paper
Glass
100
70
50
30
10
7
5
3
1
0.7
0.5
0.3
0.1
020
40
60
80
100
120
Distance (m)
Operating
level


Similar Part No. - E3Z-D66

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-D66 OMRON-E3Z-D66 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D66 OMRON-E3Z-D66 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-D66 OMRON-E3Z-D66 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D66 OMRON-E3Z-D66 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-D66 OMRON-E3Z-D66 Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
More results

Similar Description - E3Z-D66

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com