Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3Z-D66 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3Z-D66
Description  Photoelectric Sensor with Built-in Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-D66 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3Z-D66 Datasheet HTML 1Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 2Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 3Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 4Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 5Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 6Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 7Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 8Page - Omron Electronics LLC E3Z-D66 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2
Photoelectric Sensor with Built-in Amplifier
E3Z
Compact Sensor Offers Long
Sensing Distance and Superior
Noise-Immunity
H
Photo-IC provides long sensing
distance: 15 m for through-beam, 4 m
for retroreflective, and 1 m for diffuse
H
Integrated Photo-IC improves noise
immunity to interference from inverters
and other inductive loads
H
New injection molding technology
assures IP67 rating to withstand water
and dust
H
Switch-selectable, Light-ON/Dark-ON
operation
H
M8 connector-ready and 2-m, pre-wired
models
H
NPN or PNP output models available
Ordering Information
J
SENSORS
Sensing method
Light source
Appearance
Connection
h d
Sensing
di
Part number
Sensing method
Light source
Appearance
Connection
method
Sensing
distance
NPN output
PNP output
Through-beam
IR
Pre-wired
15 m
E3Z-T61
E3Z-T81
g
Connector
E3Z-T66
E3Z-T86
Polarized
retroreflective
RED
(See Note 1.) Pre-wired
100 mm to 4 m
100 mm to 3 m
E3Z-R61
E3Z-R81
retroreflective
Connector
100 mm to 3 m
(See Note 2.)
E3Z-R66
E3Z-R86
Diffuse reflective
IR
Pre-wired
5to100 mm
E3Z-D61
E3Z-D81
Diffuse reflective
IR
Connector
5 to 100 mm
(wide view)
E3Z-D66
E3Z-D86
Pre-wired
1m
E3Z-D62
E3Z-D82
Connector
1 m
E3Z-D67
E3Z-D87
Note: 1. The Reflector is sold separately. Select the Reflector model most suited to the application.
2. Sensing distance can be extended to 4 meters when the E39-R1S reflector is used. The sensing distance is 3 meters when the
E39-R1 reflector is used.


Similar Part No. - E3Z-D66

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-D66 OMRON-E3Z-D66 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D66 OMRON-E3Z-D66 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D66 OMRON-E3Z-D66 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D66 OMRON-E3Z-D66 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-D66 OMRON-E3Z-D66 Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
More results

Similar Description - E3Z-D66

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com