Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT351R7CFR4C-H9 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HMT351R7CFR4C-H9
Description  DDR3 SDRAM Registered DIMM Based on 2Gb C-die
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT351R7CFR4C-H9 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HMT351R7CFR4C-H9 Datasheet HTML 4Page - Hynix Semiconductor HMT351R7CFR4C-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT351R7CFR4C-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT351R7CFR4C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT351R7CFR4C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT351R7CFR4C-H9 Datasheet HTML 9Page - Hynix Semiconductor HMT351R7CFR4C-H9 Datasheet HTML 10Page - Hynix Semiconductor HMT351R7CFR4C-H9 Datasheet HTML 11Page - Hynix Semiconductor HMT351R7CFR4C-H9 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
Rev. 1.0 / Jul. 2012
8
Pin Assignments
Pin #
Front Side
(left 1–60)
Pin #
Back Side
(right 121–180)
Pin #
Front Side
(left 61–120) Pin #
Back Side
(right 181–240)
1VREFDQ
121
VSS
61
A2
181
A1
2
VSS
122
DQ4
62
VDD
182
VDD
3
DQ0
123
DQ5
63
NC, CK1
183
VDD
4
DQ1
124
VSS
64
NC, CK1
184
CK0
5
VSS
125
DM0,DQS9,
TDQS9
65
VDD
185
CK0
6DQS0
126
NC,DQS9,
TDQS9
66
VDD
186
VDD
7
DQS0
127
VSS
67
VREFCA
187
EVENT, NC
8
VSS
128
DQ6
68
Par_In, NC
188
A0
9
DQ2
129
DQ7
69
VDD
189
VDD
10
DQ3
130
VSS
70
A10 / AP
190
BA1
11
VSS
131
DQ12
71
BA0
191
VDD
12
DQ8
132
DQ13
72
VDD
192
RAS
13
DQ9
133
VSS
73
WE
193
S0
14
VSS
134
DM1,DQS10,
TDQS10
74
CAS
194
VDD
15
DQS1
135
NC,DQS10,
TDQS10
75
VDD
195
ODT0
16
DQS1
136
VSS
76
S1, NC
196
A13
17
VSS
137
DQ14
77
ODT1, NC
197
VDD
18
DQ10
138
DQ15
78
VDD
198
S3, NC
19
DQ11
139
VSS
79
S2, NC
199
VSS
20
VSS
140
DQ20
80
VSS
200
DQ36
21
DQ16
141
DQ21
81
DQ32
201
DQ37
22
DQ17
142
VSS
82
DQ33
202
VSS
23
VSS
143
DM2,DQS11,
TDQS11
83
VSS
203
DM4,DQS13,
TDQS13
24
DQS2
144
NC,DQS11,
TDQS11
84
DQS4
204
NC,DQS13,
TDQS13
25
DQS2
145
VSS
85
DQS4
205
VSS
26
VSS
146
DQ22
86
VSS
206
DQ38
27
DQ18
147
DQ23
87
DQ34
207
DQ39
28
DQ19
148
VSS
88
DQ35
208
VSS
29
VSS
149
DQ28
89
VSS
209
DQ44
30
DQ24
150
DQ29
90
DQ40
210
DQ45
31
DQ25
151
VSS
91
DQ41
211
VSS
NC = No Connect; RFU = Reserved Future Use


Similar Part No. - HMT351R7CFR4C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351R7CFR4A HYNIX-HMT351R7CFR4A Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
HMT351R7CFR4A-H9 HYNIX-HMT351R7CFR4A-H9 Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
HMT351R7CFR4A-PB HYNIX-HMT351R7CFR4A-PB Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
More results

Similar Description - HMT351R7CFR4C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325V7CFR8C HYNIX-HMT325V7CFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
HMT325V7EFR8C HYNIX-HMT325V7EFR8C Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
HMT325R7CFR8A HYNIX-HMT325R7CFR8A Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
HMT325V7CFR8A HYNIX-HMT325V7CFR8A Datasheet
1Mb / 68P
   DDR3L SDRAM VLP Registered DIMM Based on 2Gb C-die
logo
Samsung semiconductor
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
1Mb / 52P
   240pin Registered DIMM based on 2Gb C-die
logo
Hynix Semiconductor
HMT325R7EFR8A HYNIX-HMT325R7EFR8A Datasheet
1Mb / 70P
   DDR3L SDRAM Registered DIMM Based on 2Gb E-die
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
logo
Elpida Memory
EBJ20RE4BAFA ELPIDA-EBJ20RE4BAFA Datasheet
229Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com