Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT351S6CFR8C-H9 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HMT351S6CFR8C-H9
Description  DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb C-die
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT351S6CFR8C-H9 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HMT351S6CFR8C-H9 Datasheet HTML 1Page - Hynix Semiconductor HMT351S6CFR8C-H9 Datasheet HTML 2Page - Hynix Semiconductor HMT351S6CFR8C-H9 Datasheet HTML 3Page - Hynix Semiconductor HMT351S6CFR8C-H9 Datasheet HTML 4Page - Hynix Semiconductor HMT351S6CFR8C-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT351S6CFR8C-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT351S6CFR8C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT351S6CFR8C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT351S6CFR8C-H9 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Rev. 1.0/Sep. 2012
3
Description
SK hynix Unbuffered Small Outline DDR3 SDRAM DIMMs (Unbuffered Small Outline Double Data Rate
Synchronous DRAM Dual In-Line Memory Modules) are low power, high-speed operation memory modules
that use DDR3 SDRAM devices. These Unbuffered DDR3 SDRAM SODIMMs are intended for use as main
memory when installed in systems such as mobile personal computers.
Fetures
• VDD=1.5V +/- 0.075V
• VDDQ=1.5V +/- 0.075V
• VDDSPD=3.0V to 3.6V
• Functionality and operations comply with the DDR3 SDRAM datasheet
• 8 internal banks
• Data transfer rates: PC3-12800, PC3-10600, PC3-8500, or PC3-6400
• Bi-directional Differential Data Strobe
• 8 bit pre-fetch
• Burst Length (BL) switch on-the-fly: BL 8 or BC (Burst Chop) 4
• On Die Termination (ODT) supported
• This product is in Compliance with the RoHS directive
Ordering Information
Part Number
Density
Organization
Component Composition
# of
ranks
HMT325S6CFR8C-G7/H9/PB
2GB
256Mx64
256Mx8(H5TQ2G83CFR)*8
1
HMT351S6CFR8C-G7/H9/PB
4GB
512Mx64
256Mx8(H5TQ2G83CFR)*16
2


Similar Part No. - HMT351S6CFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351S6CFR8A HYNIX-HMT351S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT351S6CFR8A-G7 HYNIX-HMT351S6CFR8A-G7 Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT351S6CFR8A-H9 HYNIX-HMT351S6CFR8A-H9 Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT351S6CFR8A-PB HYNIX-HMT351S6CFR8A-PB Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
More results

Similar Description - HMT351S6CFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325S6EFR8C HYNIX-HMT325S6EFR8C Datasheet
1,011Kb / 50P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb E-die
HMT312S6DFR6C HYNIX-HMT312S6DFR6C Datasheet
915Kb / 47P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325S6EFR8A HYNIX-HMT325S6EFR8A Datasheet
1,022Kb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb E-die
HMT312S6DFR6A HYNIX-HMT312S6DFR6A Datasheet
938Kb / 48P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT425S6AFR6C HYNIX-HMT425S6AFR6C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT425S6MFR6C HYNIX-HMT425S6MFR6C Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT325U6EFR8C HYNIX-HMT325U6EFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
HMT325R7CFR8C HYNIX-HMT325R7CFR8C Datasheet
1Mb / 76P
   DDR3 SDRAM Registered DIMM Based on 2Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com