Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6328873-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 6328873-1
Description  RF Coax Products
Download  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6328873-1 Datasheet(HTML) 4 Page - Tyco Electronics

  6328873-1 Datasheet HTML 1Page - Tyco Electronics 6328873-1 Datasheet HTML 2Page - Tyco Electronics 6328873-1 Datasheet HTML 3Page - Tyco Electronics 6328873-1 Datasheet HTML 4Page - Tyco Electronics 6328873-1 Datasheet HTML 5Page - Tyco Electronics 6328873-1 Datasheet HTML 6Page - Tyco Electronics 6328873-1 Datasheet HTML 7Page - Tyco Electronics 6328873-1 Datasheet HTML 8Page - Tyco Electronics 6328873-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 320 page
background image
4
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Connector Selection
RF Coax Connectors
Connector Types
7-16 Series connectors are designed for medium to high power applications such as cellular base
stations, control components, antenna and broadcast. The 7-16 Series minimizes intermodulation
distortion by white bronze or silver plating the electrical path. Combined hex/knurl coupling nuts
allow for manual or torque tightening, further reducing distortion by providing a strong butt joint.
Lightning Protection devices have an integral surge arrestor capsule which is designed to protect
equipment from high current pulses. It is effective against very fast rise times as induced by electromag-
netic pulses from nuclear explosions (NEMP) and the slower pulses arising from lightning strikes (LEMP).
N Series threaded connectors have an air dielectric interface and are low cost. These connectors
operate to 11 GHz and are commonly used in cable-based local-area networks (LAN’s) medium
power transmitters, and base station antenna applications.
TNC connectors have an interface similar to BNC except for a threaded coupling nut. The tighter fit
provided by this screw-on connection improves interface control allowing connectors to operate up to
11 GHz. TNC connectors are excellent for mobile units where top-notch performance is required
under vibration.
BNC connectors offer easy engagement and disengagement using bayonet couplings and overlap-
ping dielectrics. They are most useful for frequently coupled and uncoupled RF connections with fre-
quencies below 4 GHz. BNC connectors find applications in flexible networks, instrumentation, and
computer peripheral interconnections.
F & G Series connectors offer enhanced performance beyond 1 GHz. Designed to meet the rigor-
ous requirements of Bellcore TA-NWT-001503 and SCTE specifications, the F & G series provides
high current carrying capabilities in both sealed and un-sealed configurations. Plugs, jacks and
adapters are available in threaded and push-on versions. These connectors meet the evolving
needs of the communications industry for increased reliability and performance.
SMA threaded connectors are widely used in microwave communications. Connectors operate to at
least 12.4 GHz on flexible coax cables, and up to 26.5 GHz on semi-rigid coax cables. Crimp-on
SMA connectors that operate to 26.5 GHz are available.
Blind Mate connectors operate to 22 GHz for OSP connectors, 28 GHz for OSSP connectors, and
40 GHz for SMP style connectors. These connectors offer easy slide-on connection and require less
alignment between the cable and the equipment than other connectors with comparable band width.
Blind Mate connectors are widely used as coaxial interconnects between plug-in modules and moth-
erboards when axial and radial misalignments are necessary.
SMB connectors feature a snap coupling for fast connection. A self centering outer spring and over-
lapping dielectric allows easy snap-on and excellent performance even in moderate vibration. The
SMB is smaller in size than the SMA and excellent where engineers are concerned about circuit
miniaturization. Typical application is inter- or intra-board connection of RF or digital signals.
Commercial 50 ohm versions operate to 4 GHz, and 75 ohm versions reach 2 GHz.
MCX connectors offer a high reliability, space saving sub-miniature coaxial cable to cable and cable
to board interconnection system. The MCX connectors impedance types are applicable up to 6 GHz.
Surface Mount (SMT) connectors. The RF solution to the communication and information age.
Tyco Electronics’ SSMT and SMT Quick Grip connectors are designed to meet the growing demand
for surface mount RF connector technology. These connectors operate up to 6 GHz utilizing cable
assembly design to terminate to SMT connectors. Surface mount connectors contribute to high
density packaging and high volume manufacturing requirements.
Multi Position connectors. These connector series, including the 1.0/2.3 (CECC 22230), 1.6/5.6
(CECC 22240), Subminiature D (DIN 41652 and CECC 75 301-082), and Tyco Electronics’ own
SIEMAX multi coax connector series offer the customer a broad choice of options where density and
performance are a major concern. The 1.0/2.3 series contacts are available in both 50 and 75 Ohm
versions and are designed for use to 10 GHz. The different types of coupling mechanisms, such as
screw on, slide-in and latching coupling provide for a variety of space-saving installations. The con-
nector series 1.6/5.6 has been modified to incorporate improved technical advantages. A 75 Ohm
design for use up to 8 GHz, it offers excellent screening effectiveness and is a most suitable compo-
nent for those applications where the transmission of high bit rates is required. In Subminiature D
type connectors these interfaces provide good electrical grounding and electromagnetic shielding in
a small package size. These plug connectors address the increasing demands related to EMC
(electromagnetic compatibility) and RFI (immunity to radiated noise), and are widely used as inter-
face connectors in office and data systems, telecommunications equipment, and in measurement
and control systems. Tyco Electronics’ SIEMAX connectors combine the benefits of surface mount
technology and modular design. This 75 Ohm connector series operates up to 2 GHz and offers a
compact grid pitch of 10mm. Its uses include multiplex and high-density systems, and Base Station
applications.
Miscellaneous connector types include multiple-circuit connectors that use coaxial contacts in a
pin-and-socket configuration, crimp-on ferrules that offer fast, reliable connections for attaching one or
more ground taps to shielded wire and braided shield terminations for connecting cable shields to pc
boards. Also available are network/premises interconnect products for Ethernet/IEEE 802.3 systems
and coaxial taps for simple, dependable connections from transceiver to LAN without cutting the cable.


Similar Part No. - 6328873-1

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6328UL BELDEN-6328UL Datasheet
158Kb / 2P
   Fire Alarm, #18-10c BC, FPLP
05-05-2023
6328UL-0021000 BELDEN-6328UL-0021000 Datasheet
158Kb / 2P
   Fire Alarm, #18-10c BC, FPLP
05-05-2023
More results

Similar Description - 6328873-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
SMB MACOM-SMB Datasheet
503Kb / 17P
   RF Coax Connectors
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
AVX Corporation
L06031R2CGSTR AVX-L06031R2CGSTR Datasheet
123Kb / 5P
   For RoHS compliant products, SMD High-Q RF Inductor
logo
Rosenberger Hochfrequen...
LH1-032-XXX-Y ROSENBERGER-LH1-032-XXX-Y Datasheet
75Kb / 2P
   CABLE ASSEMBLY MICRO RF / FAKRA-MICRO COAX
logo
Murata Manufacturing Co...
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
   RFM products are now Murata products
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
   RFM products are now Murata products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com