Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT351V7CFR4A Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HMT351V7CFR4A
Description  DDR3L SDRAM VLP Registered DIMM Based on 2Gb C-die
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT351V7CFR4A Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HMT351V7CFR4A Datasheet HTML 5Page - Hynix Semiconductor HMT351V7CFR4A Datasheet HTML 6Page - Hynix Semiconductor HMT351V7CFR4A Datasheet HTML 7Page - Hynix Semiconductor HMT351V7CFR4A Datasheet HTML 8Page - Hynix Semiconductor HMT351V7CFR4A Datasheet HTML 9Page - Hynix Semiconductor HMT351V7CFR4A Datasheet HTML 10Page - Hynix Semiconductor HMT351V7CFR4A Datasheet HTML 11Page - Hynix Semiconductor HMT351V7CFR4A Datasheet HTML 12Page - Hynix Semiconductor HMT351V7CFR4A Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
Rev. 1.0 / Aug. 2012
9
32
VSS
152
DM3,DQS12,
TDQS12
92
VSS
212
DM5,DQS14,
TDQS14
33
DQS3
153
NC,DQS12,
TDQS12
93
DQS5
213
NC,DQS14,
TDQS14
34
DQS3
154
VSS
94
DQS5
214
VSS
35
VSS
155
DQ30
95
VSS
215
DQ46
36
DQ26
156
DQ31
96
DQ42
216
DQ47
37
DQ27
157
VSS
97
DQ43
217
VSS
38
VSS
158
CB4, NC
98
VSS
218
DQ52
39
CB0, NC
159
CB5, NC
99
DQ48
219
DQ53
40
CB1, NC
160
VSS
100
DQ49
220
VSS
41
VSS
161
NC,DM8,DQS17,
TDQS17
101
VSS
221
DM6,DQS15,
TDQS15
42
DQS8
162
NC,DQS17,
TDQS17
102
DQS6
222
NC,DQS15,
TDQS15
43
DQS8
163
VSS
103
DQS6
223
VSS
44
VSS
164
CB6, NC
104
VSS
224
DQ54
45
CB2, NC
165
CB7, NC
105
DQ50
225
DQ55
46
CB3, NC
166
VSS
106
DQ51
226
VSS
47
VSS
167
NC(TEST)
107
VSS
227
DQ60
48
VTT, NC
168
RESET
108
DQ56
228
DQ61
KEY
KEY
109
DQ57
229
VSS
49
VTT, NC
169
CKE1, NC
110
VSS
230
DM7,DQS16,
TDQS16
50
CKE0
170
VDD
111
DQS7
231
NC,DQS16,
TDQS16
51
VDD
171
A15
112
DQS7
232
VSS
52
BA2
172
A14
113
VSS
233
DQ62
53
Err_Out, NC
173
VDD
114
DQ58
234
DQ63
54
VDD
174
A12 / BC
115
DQ59
235
VSS
55
A11
175
A9
116
VSS
236
VDDSPD
56
A7
176
VDD
117
SA0
237
SA1
57
VDD
177
A8
118
SCL
238
SDA
58
A5
178
A6
119
SA2
239
VSS
59
A4
179
VDD
120
VTT
240
VTT
60
VDD
180
A3
Pin #
Front Side
(left 1–60)
Pin #
Back Side
(right 121–180)
Pin #
Front Side
(left 61–120) Pin #
Back Side
(right 181–240)
NC = No Connect; RFU = Reserved Future Use


Similar Part No. - HMT351V7CFR4A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351V7CFR4C HYNIX-HMT351V7CFR4C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
HMT351V7CFR4C-H9 HYNIX-HMT351V7CFR4C-H9 Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
HMT351V7CFR4C-PB HYNIX-HMT351V7CFR4C-PB Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
HMT351V7CFR4C-RD HYNIX-HMT351V7CFR4C-RD Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
More results

Similar Description - HMT351V7CFR4A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325V7EFR8A HYNIX-HMT325V7EFR8A Datasheet
899Kb / 59P
   DDR3L SDRAM VLP Registered DIMM Based on 2Gb E-die
HMT325R7CFR8A HYNIX-HMT325R7CFR8A Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
HMT325V7CFR8C HYNIX-HMT325V7CFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
HMT325R7EFR8A HYNIX-HMT325R7EFR8A Datasheet
1Mb / 70P
   DDR3L SDRAM Registered DIMM Based on 2Gb E-die
HMT451V7MFR8A HYNIX-HMT451V7MFR8A Datasheet
1Mb / 67P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb M-die
HMT451V7AFR8A HYNIX-HMT451V7AFR8A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT325V7EFR8C HYNIX-HMT325V7EFR8C Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
HMT325R7CFR8C HYNIX-HMT325R7CFR8C Datasheet
1Mb / 76P
   DDR3 SDRAM Registered DIMM Based on 2Gb C-die
logo
Samsung semiconductor
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
1Mb / 52P
   240pin Registered DIMM based on 2Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com