Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1460159-1 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 1460159-1
Description  RF Coax Products
Download  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1460159-1 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 1460159-1 Datasheet HTML 7Page - Tyco Electronics 1460159-1 Datasheet HTML 8Page - Tyco Electronics 1460159-1 Datasheet HTML 9Page - Tyco Electronics 1460159-1 Datasheet HTML 10Page - Tyco Electronics 1460159-1 Datasheet HTML 11Page - Tyco Electronics 1460159-1 Datasheet HTML 12Page - Tyco Electronics 1460159-1 Datasheet HTML 13Page - Tyco Electronics 1460159-1 Datasheet HTML 14Page - Tyco Electronics 1460159-1 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 320 page
background image
7-16 Series Connectors (Continued)
Right-Angle Panel Jack
Solder/Clamp
46.3
[1.82]
24.8
[0.98]
17.2
[0.68]
5.00
[0.20]
24.8
[0.98]
29.5
[1.16]
Dia.
47.2
[1.86]
3.70
[0.15]
Dia
4 Holes.
Mounting Detail
Cable Type
Body Plating
Part No.
RG 213/U, RG 214/U,
RG 393
White Bronze
6408036-1
RG 58C/U, RG 142B/U,
RG 223/U, RG 400/U
White Bronze
6363527-1
46.3
[1.82]
24.8
[0.98]
17.2
[0.68]
5.00
[0.20]
34.2
[1.35]
24.8
[0.98]
29.5
[1.16]
Dia.
36.7
[1.44]
Assembled
3.70
[0.15]
Dia
4 Holes.
Mounting Detail
Cable Type
Body Plating
Part No.
RG 55B/U, RG 142B/U,
RG 233/U, RG 400/U
White Bronze
6363524-1
RG 8A/U, RG 213/U
White Bronze
6363525-1
RG 9B/U, RG 214/U
White Bronze
6363526-1
Combination Panel Jack
Solder/Crimp
11
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
49.0
[1.93]
33.0
[1.30]
14.0
[0.55]
45.0
[1.77]
Max
Panel
Body Plating
Part No.
White Bronze
6408037-1
Bulkhead Adapter
Jack/Jack
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.


Similar Part No. - 1460159-1

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1460150000 WEIDMULLER-1460150000 Datasheet
827Kb / 12P
   Remote I/O module, IP20, 4-channel, Digital signals, Input
03.02.2023
logo
PHOENIX CONTACT
1460151 PHOENIX-1460151 Datasheet
55Kb / 3P
   Housing - HC-B 10-KMQ-N-O1STM20
1460153 PHOENIX-1460153 Datasheet
58Kb / 3P
   Housing - HC-B 16-TFQ-H-O1STM25G
1460154 PHOENIX-1460154 Datasheet
58Kb / 3P
   Housing - HC-B 16-TFQ-H-O1STM25S
1460155 PHOENIX-1460155 Datasheet
60Kb / 2P
   Housing - HC-B 16-TFQ-H-O1STM32G
More results

Similar Description - 1460159-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
SMB MACOM-SMB Datasheet
503Kb / 17P
   RF Coax Connectors
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
AVX Corporation
L06031R2CGSTR AVX-L06031R2CGSTR Datasheet
123Kb / 5P
   For RoHS compliant products, SMD High-Q RF Inductor
logo
Rosenberger Hochfrequen...
LH1-032-XXX-Y ROSENBERGER-LH1-032-XXX-Y Datasheet
75Kb / 2P
   CABLE ASSEMBLY MICRO RF / FAKRA-MICRO COAX
logo
Murata Manufacturing Co...
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
   RFM products are now Murata products
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
   RFM products are now Murata products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com