Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008PS Datasheet(PDF) 9 Page - Microchip Technology

Part # 1008PS
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1008PS Datasheet(HTML) 9 Page - Microchip Technology

Back Button 1008PS Datasheet HTML 5Page - Microchip Technology 1008PS Datasheet HTML 6Page - Microchip Technology 1008PS Datasheet HTML 7Page - Microchip Technology 1008PS Datasheet HTML 8Page - Microchip Technology 1008PS Datasheet HTML 9Page - Microchip Technology 1008PS Datasheet HTML 10Page - Microchip Technology 1008PS Datasheet HTML 11Page - Microchip Technology 1008PS Datasheet HTML 12Page - Microchip Technology 1008PS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
© 2011 Microchip Technology Inc.
DS22285A-page 9
MCP16321/2
Note:
Unless otherwise indicated, VIN = 12V, EN = Floating (Internally pulled up), CIN =20 µF, COUT =2x22 µF,
L = 4.7 µH (XAL6060-472MEB), ILOAD =200 mA, TA =+25°C. MCP16321 maximum output current = 1A.
FIGURE 2-13:
5V VOUT vs VIN.
FIGURE 2-14:
3.3V VOUT vs VIN.
FIGURE 2-15:
2.5V VOUT vs VIN.
FIGURE 2-16:
1.8V VOUT vs VIN.
FIGURE 2-17:
1.5V VOUT vs VIN.
FIGURE 2-18:
0.9V VOUT vs VIN.
4.985
4.99
4.995
5
5.005
5.01
5.015
5.02
6
8
10
12
14
16
18
20
22
24
V
IN (V)
I
OUT = 1A
I
OUT = 2A
V
OUT = 5V
3.294
3.296
3.298
3.3
3.302
3.304
3.306
3.308
3.31
6
8
10
12
14
16
18
20
22
24
V
IN (V)
I
OUT = 1A
I
OUT = 2A
V
OUT = 3.3V
2.496
2.497
2.498
2.499
2.5
2.501
2.502
2.503
2.504
2.505
2.506
6
8
10
12
14
16
18
20
22
24
V
IN (V)
I
OUT = 1A
I
OUT = 2A
V
OUT = 2.5V
1.798
1.799
1.8
1.801
1.802
1.803
1.804
6
8
10
12
14
16
18
V
IN (V)
I
OUT = 2A
I
OUT = 1A
V
OUT = 1.8V
1.4985
1.499
1.4995
1.5
1.5005
1.501
1.5015
1.502
1.5025
1.503
6
8
10
12
14
16
V
OUT (V)
I
OUT = 2A
I
OUT = 1A
V
OUT = 1.5V
0.8994
0.8996
0.8998
0.9
0.9002
0.9004
0.9006
0.9008
0.901
0.9012
6789
10
V
IN (V)
I
OUT = 2A
I
OUT = 1A
V
OUT = 0.9V


Similar Part No. - 1008PS

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008PS COILCRAFT-1008PS Datasheet
227Kb / 2P
   Power Chip Inductors
1008PS COILCRAFT-1008PS Datasheet
261Kb / 2P
   Shielded High SRF Inductors
logo
List of Unclassifed Man...
1008PS-102K ETC2-1008PS-102K Datasheet
96Kb / 2P
   Inductors for xDSL Filters
logo
Coilcraft lnc.
1008PS-102KL COILCRAFT-1008PS-102KL Datasheet
227Kb / 2P
   Power Chip Inductors
1008PS-102KL COILCRAFT-1008PS-102KL Datasheet
261Kb / 2P
   Shielded High SRF Inductors
More results

Similar Description - 1008PS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16321 MICROCHIP-MCP16321_16 Datasheet
678Kb / 34P
   24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator
07/14/15
MCP16323T-ADJE MICROCHIP-MCP16323T-ADJE Datasheet
1Mb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
ACE Technology Co., LTD...
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
   High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com