Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5401 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5401
Description  Dual Channel 12-Bit 500 Msps Analog to Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5401 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5401 Datasheet HTML 3Page - Texas Instruments ADS5401 Datasheet HTML 4Page - Texas Instruments ADS5401 Datasheet HTML 5Page - Texas Instruments ADS5401 Datasheet HTML 6Page - Texas Instruments ADS5401 Datasheet HTML 7Page - Texas Instruments ADS5401 Datasheet HTML 8Page - Texas Instruments ADS5401 Datasheet HTML 9Page - Texas Instruments ADS5401 Datasheet HTML 10Page - Texas Instruments ADS5401 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
ADS5407
www.ti.com
SLAS934A – MARCH 2013 – REVISED AUGUST 2013
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 500Msps, 50%
clock duty cycle, AVDD3V = 3.3V, AVDD/DRVDD/IOVDD = 1.8V, –1dBFS differential input (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNITS
ANALOG INPUTS
Differential input full-scale
1.0
1.25
Vpp
Input common mode voltage
1.9
±0.1
V
Input resistance
Differential at DC
1
k
Ω
Input capacitance
Each input to GND
2
pF
VCM common mode voltage output
1.9
V
Analog input bandwidth (3dB)
1000
MHz
DYNAMIC ACCURACY
Auto Correction Disabled
–20
±4
20
mV
Offset Error
Auto Correction Enabled
–1
0
1
mV
Offset temperature coefficient
–611
µV/°C
Gain error
–5
±0.6
5
%FS
Gain temperature coefficient
0.005
%FS/°C
Differential nonlinearity
fIN = 230 MHz
–1
±0.8
2
LSB
Integral nonlinearity
fIN = 230 MHz
–5
±2
5
LSB
CLOCK INPUT
Input clock frequency
40
500
MHz
Input clock amplitude
2
Vpp
Input clock duty cycle
40%
50%
60%
Internal clock biasing
0.9
V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS5407


Similar Part No. - ADS5401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5401 TI-ADS5401 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
ADS5401 TI1-ADS5401 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
ADS5401 TI-ADS5401 Datasheet
1Mb / 40P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
ADS5401 TI-ADS5401 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5401IZAY TI1-ADS5401IZAY Datasheet
1Mb / 49P
[Old version datasheet]   Single 12-Bit 800-Msps Analog-to-Digital Converter
More results

Similar Description - ADS5401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
ADS5463-SP TI1-ADS5463-SP Datasheet
833Kb / 31P
[Old version datasheet]   Class V, 12-Bit, 500-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com