Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24258 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ24258
Description  2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Integrated Current Sense Resistor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24258 Datasheet(HTML) 4 Page - Texas Instruments

  BQ24258 Datasheet HTML 1Page - Texas Instruments BQ24258 Datasheet HTML 2Page - Texas Instruments BQ24258 Datasheet HTML 3Page - Texas Instruments BQ24258 Datasheet HTML 4Page - Texas Instruments BQ24258 Datasheet HTML 5Page - Texas Instruments BQ24258 Datasheet HTML 6Page - Texas Instruments BQ24258 Datasheet HTML 7Page - Texas Instruments BQ24258 Datasheet HTML 8Page - Texas Instruments BQ24258 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
bq24257
bq24258
SLUSBG0B – FEBRUARY 2013 – REVISED JULY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IN
–1.3
20
V
SW
–0.7
12
V
Pin voltage range (with respect
to PGND)
PMID, BOOT
–0.3
20
V
CSIN, BAT, DPB, LDO, SCL, SDA, STAT, D+, D–, CE, ISET, ILIM, VDPM
–0.3
7
V
BOOT relative to SW
–0.3
5
V
IN
2
A
Output Current (Continuous)
CSIN, BAT
4
A
Output Sink Current
STAT
5
mA
Operating free-air temperature range
–40
85
°C
Junction temperature, TJ
–40
125
°C
Storage temperature, TSTG
–65
150
°C
Lead temperature (soldering, 10 s)
300
°C
ESD Rating human body model(2)
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
RECOMMENDED OPERATING CONDITIONS
All voltages are with respect to PGND if not specified. Currents are positive into, negative out of the specified pin. Consult
Packaging Section of the data book for thermal limitations and considerations of packages.
MIN
MAX
UNITS
IN voltage range
4.35
18 (1)
VIN
IN operating voltage range (bq24258)
4.35
10.5
V
IN operating voltage range (bq24257)
4.35
6.5
IIN
Input current
2
A
ICHG
Current in charge mode, BAT
2
A
IDISCHG
Current in discharge mode, BAT
4
A
RISET
Charge current programming resistor range
75
Ω
RILIM
Input current limit programming resistor range
105
Ω
TJ
Operating junction temperature range, TJ
0
125
ºC
(1)
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the BOOT or SW pins. A tight
layout minimizes switching noise.
THERMAL INFORMATION
bq24257
bq24258
THERMAL METRIC(1)
UNITS
YFF
RGE
θJA
Junction-to-ambient thermal resistance
76.5
32.9
θJCtop
Junction-to-case (top) thermal resistance
0.2
32.8
θJB
Junction-to-board thermal resistance
44
10.6
°C/W
ψJT
Junction-to-top characterization parameter
1.6
0.3
ψJB
Junction-to-board characterization parameter
43.4
10.7
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
2.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq24257 bq24258


Similar Part No. - BQ24258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFR TI1-BQ24250CYFFR Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFT TI1-BQ24250CYFFT Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
More results

Similar Description - BQ24258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
   2A Switch-Mode Li-Ion Battery Charger
FP8203 FEELING-FP8203 Datasheet
654Kb / 16P
   2A Switch-Mode Li-Ion Battery Charger
logo
Texas Instruments
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
logo
Linear Technology
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com