Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27531-G1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27531-G1
Description  Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2419x Charger Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27531-G1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ27531-G1 Datasheet HTML 6Page - Texas Instruments BQ27531-G1 Datasheet HTML 7Page - Texas Instruments BQ27531-G1 Datasheet HTML 8Page - Texas Instruments BQ27531-G1 Datasheet HTML 9Page - Texas Instruments BQ27531-G1 Datasheet HTML 10Page - Texas Instruments BQ27531-G1 Datasheet HTML 11Page - Texas Instruments BQ27531-G1 Datasheet HTML 12Page - Texas Instruments BQ27531-G1 Datasheet HTML 13Page - Texas Instruments BQ27531-G1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
bq27531-G1
SLUSBE7 – MARCH 2013
www.ti.com
DATA COMMANDS
STANDARD DATA COMMANDS
The bq27531-G1 uses a series of 2-byte standard commands to enable system reading and writing of battery
information. Each standard command has an associated command-code pair, as indicated in Table 2. Because
each command consists of two bytes of data, two consecutive I2C transmissions must be executed both to
initiate the command function, and to read or write the corresponding two bytes of data. Additional details are
found in the bq27531-G1 Technical Reference Manual.
Table 2. Standard Commands
SEALED
UNSEALED
NAME
COMMAND CODE
UNITS
ACCESS
ACCESS
Control( )
0x00 / 0x01
N/A
R/W
R/W
AtRate( )
0x02 / 0x03
mA
R/W
R/W
AtRateTimeToEmpty( )
0x04 / 0x05
Minutes
R
R/W
Temperature( )
0x06 / 0x07
0.1 K
R/W
R/W
Voltage( )
0x08 / 0x09
mV
R
R/W
Flags( )
0x0a / 0x0b
N/A
R
R/W
NominalAvailableCapacity( )
0x0c / 0x0d
mAh
R
R/W
FullAvailableCapacity( )
0x0e / 0x0f
mAh
R
R/W
RemainingCapacity( )
0x10 / 0x11
mAh
R
R/W
FullChargeCapacity( )
0x12 / 0x13
mAh
R
R/W
AverageCurrent( )
0x14 / 0x15
mA
R
R/W
TimeToEmpty( )
0x16 / 0x17
Minutes
R
R/W
RemainingCapacityUnfiltered( )
0x18 / 0x19
mAh
R
R/W
StandbyCurrent( )
0x1a / 0x1b
mA
R
R/W
RemainingCapacityFiltered( )
0x1c / 0x1d
mAh
R
R/W
ProgChargingCurrent( )
0x1e / 0x1f
mA
R(1)
R(1)
ProgChargingVoltage( )
0x20 / 0x21
mV
R(1)
R(1)
FullChargeCapacityUnfiltered( )
0x22 / 0x23
mAh
R
R/W
AveragePower( )
0x24 / 0x25
mW
R
R/W
FullChargeCapacityFiltered( )
0x26 / 0x27
mAh
R
R/W
StateOfHealth( )
0x28 / 0x29
% / num
R
R/W
CycleCount( )
0x2a / 0x2b
Counters
R
R/W
StateOfCharge( )
0x2c / 0x2d
%
R
R/W
TrueSOC( )
0x2e / 0x2f
%
R
R/W
InstantaneousCurrentReading( )
0x30 / 0x31
mA
R
R/W
InternalTemperature( )
0x32 / 0x33
0.1 K
R
R/W
ChargingLevel( )
0x34 / 0x35
HEX
R
R
LevelTaperCurrent( )
0x6e / 0x6f
mA
R
R
CalcChargingCurrent( )
0x70 / 0x71
mA
R
R
CalcChargingVoltage( )
0x72 / 0x73
V
R
R
(1)
Only writeable when Charger Options [BYPASS] is set.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :bq27531-G1


Similar Part No. - BQ27531-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results

Similar Description - BQ27531-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1 Datasheet
931Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2416x Charger Controller
BQ27530-G1 TI1-BQ27530-G1_14 Datasheet
964Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track??Fuel Gauge for Use With the bq2416x Charger Controller
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27532-G1 TI1-BQ27532-G1 Datasheet
1Mb / 35P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27510-G2 TI1-BQ27510-G2 Datasheet
844Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1_17 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_08 Datasheet
738Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510 Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com