Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEOXDO3B Datasheet(PDF) 4 Page - Tyco Electronics

Part # PEOXDO3B
Description  Versatile Power Entry Module with Small Footprint
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PEOXDO3B Datasheet(HTML) 4 Page - Tyco Electronics

  PEOXDO3B Datasheet HTML 1Page - Tyco Electronics PEOXDO3B Datasheet HTML 2Page - Tyco Electronics PEOXDO3B Datasheet HTML 3Page - Tyco Electronics PEOXDO3B Datasheet HTML 4Page - Tyco Electronics PEOXDO3B Datasheet HTML 5Page - Tyco Electronics PEOXDO3B Datasheet HTML 6Page - Tyco Electronics PEOXDO3B Datasheet HTML 7Page - Tyco Electronics PEOXDO3B Datasheet HTML 8Page - Tyco Electronics PEOXDO3B Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
P Series
Versatile Power Entry Module with Small Footprint (continued)
3
195
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Another feature of the P series power entry module is
the versatile fusing arrangement. The fuse holder can
hold two 1/4” x 1-1/4” (3AG) or 5 x 20mm (metric)
fuses. Single fusing is supported with a conversion
clip that shorts one of the two fuse positions, and is
designated by an S in the sixth part number digit. A
module designated for a single fuse may be reconfig-
ured by the manufacturer or the user to accept two
fuses by simply removing the shorting clip. For appli-
cations intended for dual fusing, specify a D in the
sixth part number digit.
Fuseholder
Conversion Clip for
Single Fuse
Applications
Installation of the unfiltered versions of the P series
requires wiring of the IEC socket terminals to the
optional switch and the switch to the fuse holder.
Labor can be eliminated by ordering the module
with an interconnection block. This feature, desig-
nated by “BX” in the seventh and eighth digits, pre
wires the module so that only connection to the
equipment must be done during installation. The
interconnection block includes a plastic case to
prevent access to the internal connections.
The dimensions of this alternative are the same as the
filtered versions.
Interconnection Block
Accessories
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
PA100: Power interconnect assembly
For voltage select models. Designed for use with
either filtered or non-filtered units, 6” wire leads
PA101: Plug only
PA102: Pins only for use with PA101
PA105: Same as PA100 but with two wires for
units with no voltage selection
PA400: J Extender
Extends P Series height to fit J panel cutout
PA410: L Extender
Extends P Series width to fit L panel cutout
PA420: C Extender
Extends P Series height to fit C panel cutout
C & L Extenders can not be used with B Shields.
L Extender can not be used with shields
Extender for
J-Series or others
Optional filter
Optional switch
Fuse holder
PA400
J Series Extender


Similar Description - PEOXDO3B

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
   Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
   Versatile Filtered Power Entry Module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
   Versatile Filtered Power Entry Module
logo
List of Unclassifed Man...
FN393-6-05-11 ETC2-FN393-6-05-11 Datasheet
466Kb / 3P
   Versatile fi ltered power entry module
logo
Schaffner International...
FN-9290 SCHAFFNER-FN-9290 Datasheet
2Mb / 7P
   Ultra Compact and Versatile Filtered Power Entry Module
logo
Bosch Sensortec GmbH
BMI055 BOSCH-BMI055 Datasheet
3Mb / 149P
   Small, versatile 6DoF sensor module
logo
Schaffner International...
FN-9280 SCHAFFNER-FN-9280 Datasheet
3Mb / 9P
   Ultra Compact and Versatile Filtered Power Entry Module
logo
List of Unclassifed Man...
BMI055 ETC2-BMI055 Datasheet
2Mb / 148P
   Small, versatile 6DoF sensor module
logo
Bosch Sensortec GmbH
BMX055 BOSCH-BMX055 Datasheet
3Mb / 172P
   Small, versatile 9-axis sensor module
logo
List of Unclassifed Man...
BMX055 ETC2-BMX055 Datasheet
3Mb / 172P
   Small, versatile 9-axis sensor module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com