Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCD380N60E Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FCD380N60E
Description  N-Channel SuperFET짰 II MOSFET 600 V, 10.2 A, 380 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD380N60E Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCD380N60E Datasheet HTML 1Page - Fairchild Semiconductor FCD380N60E Datasheet HTML 2Page - Fairchild Semiconductor FCD380N60E Datasheet HTML 3Page - Fairchild Semiconductor FCD380N60E Datasheet HTML 4Page - Fairchild Semiconductor FCD380N60E Datasheet HTML 5Page - Fairchild Semiconductor FCD380N60E Datasheet HTML 6Page - Fairchild Semiconductor FCD380N60E Datasheet HTML 7Page - Fairchild Semiconductor FCD380N60E Datasheet HTML 8Page - Fairchild Semiconductor FCD380N60E Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.fairchildsemi.com
3
©2012 Fairchild Semiconductor Corporation
FCD380N60E Rev. C1
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.1
1
10
20
0.1
1
10
100
*Notes:
1. 250
μs Pulse Test
2. TC = 25
o
C
VDS, Drain-Source Voltage[V]
VGS = 15.0V
10.0V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
2468
10
0.1
1
10
100
-55
o
C
150
o
C
*Notes:
1. VDS = 20V
2. 250
μs Pulse Test
25
o
C
VGS, Gate-Source Voltage[V]
0
5
10
15
20
25
30
0.2
0.3
0.4
0.5
0.6
0.7
0.8
*Note: TC = 25
o
C
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
*Notes:
1. V
GS = 0V
2. 250
μs Pulse Test
150
o
C
V
SD
, Body Diode Forward Voltage [V]
25
o
C
0.1
1
10
100
600
0.5
1
10
100
1000
10000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
35
0
2
4
6
8
10
*Note: ID = 5A
VDS = 120V
VDS = 300V
VDS = 480V
Qg, Total Gate Charge [nC]


Similar Part No. - FCD380N60E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCD380N60E FAIRCHILD-FCD380N60E Datasheet
602Kb / 9P
   FCD380N60E N-Channel SuperFET II Easy-Drive MOSFET 600 V, 10.2 A, 380 m廓
logo
Inchange Semiconductor ...
FCD380N60E ISC-FCD380N60E Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FCD380N60ECT-ND FAIRCHILD-FCD380N60ECT-ND Datasheet
602Kb / 9P
   FCD380N60E N-Channel SuperFET II Easy-Drive MOSFET 600 V, 10.2 A, 380 m廓
More results

Similar Description - FCD380N60E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FCPF380N60E-F154 ONSEMI-FCPF380N60E-F154 Datasheet
263Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF380N60-F154 ONSEMI-FCPF380N60-F154 Datasheet
253Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FCPF380N60_F152-ND FAIRCHILD-FCPF380N60_F152-ND Datasheet
653Kb / 10P
   FCP380N60 / FCPF380N60 N-Channel SuperFET II MOSFET 600 V, 10.2 A, 380 m廓
FCD380N60ECT-ND FAIRCHILD-FCD380N60ECT-ND Datasheet
602Kb / 9P
   FCD380N60E N-Channel SuperFET II Easy-Drive MOSFET 600 V, 10.2 A, 380 m廓
logo
ON Semiconductor
FCPF380N65FL1-F154 ONSEMI-FCPF380N65FL1-F154 Datasheet
317Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 10.2 A, 380 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FDD86110 FAIRCHILD-FDD86110 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
FCPF600N60Z FAIRCHILD-FCPF600N60Z Datasheet
337Kb / 10P
   N-Channel SuperFET짰 II MOSFET
FCP170N60 FAIRCHILD-FCP170N60_15 Datasheet
817Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCD900N60ZCT-ND FAIRCHILD-FCD900N60ZCT-ND Datasheet
614Kb / 9P
   FCD900N60Z N-Channel SuperFET II MOSFET 600 V, 4.5 A, 900 m廓
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com