Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5560 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5560
Description  1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5560 Datasheet HTML 6Page - Analog Devices AD5560 Datasheet HTML 7Page - Analog Devices AD5560 Datasheet HTML 8Page - Analog Devices AD5560 Datasheet HTML 9Page - Analog Devices AD5560 Datasheet HTML 10Page - Analog Devices AD5560 Datasheet HTML 11Page - Analog Devices AD5560 Datasheet HTML 12Page - Analog Devices AD5560 Datasheet HTML 13Page - Analog Devices AD5560 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 10 of 68
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Comparator DAC Dynamic
Output Voltage Settling Time1
3.5
6
µs
1 V change to 1 LSB.
Slew Rate1
1
V/µs
Digital-to-Analog Glitch Energy1
10
nV-s
Glitch Impulse Peak Amplitude1
40
mV
REFERENCE INPUT
VREF DC Input Impedance
1
Typically 100 MΩ.
VREF Input Current
−10
+10
µA
Per input; typically ±30 nA.
VREF Range1
2
5
V
COMPARATOR
Measured directly at comparator; does not
include measure block errors.
Error
−7
+7
mV
Uncalibrated.
VOLTAGE COMPARATOR
With respect to the measured voltage.
Propagation Delay1
0.25
µs
Error1
−12
+12
mV
Uncalibrated.
CURRENT COMPARATOR
Propagation Delay1
0.25
1
µs
Error1
−1.5
+1.5
%
Of programmed current range, uncalibrated.
MEASURE OUTPUT, MEASOUT
Measure Output Voltage Span1
−12.81
+12.81
V
MEASOUT gain = 1, VREF = 5 V, offset DAC =
0x8000.
Measure Output Voltage Span1
−6.405
+6.405
V
MEASOUT gain = 1, VREF = 2.5 V.
Measure Output Voltage Span1
0
5.125
V
MEASOUT gain = 0.2, VREF = 5 V, offset DAC =
0x8000.
Measure Output Voltage Span1
0
2.56
V
MEASOUT gain = 0.2, VREF = 2.5 V.
Measure Pin Output Impedance
115
Ω
Output Leakage Current
−100
+100
nA
When HW_INH is low.
Output Capacitance1
5
pF
Short-Circuit Current1
−10
+10
mA
OPEN-SENSE DETECT/CLAMP/ALARM
Measurement Accuracy
−200
+200
mV
Clamp Accuracy
600
900
mV
Alarm Delay1
50
μs
DUTGND
Voltage Range1
−1
+1
V
Pull-Up Current
+50
+70
μA
Pull-up for purpose of detecting open circuit on
DUTGND, can be disabled.
Leakage Current
−1
+1
μA
When pull-up disabled, DGS DAC = 0x3333 (1 V
with VREF = 5 V). If DUTGND voltage is far away
from one of comparator thresholds, more
leakage may be present.
Trip Point Accuracy
−30
+10
mV
Alarm Delay1
50
μs
GUARD AMPLIFIER
Voltage Range1
AVSS + 2.25
AVDD − 2.25
V
Voltage Span1
25
V
Output Offset
−10
+10
mV
Short-Circuit Current1
−20
+20
mA
Load Capacitance1
100
nF
Output Impedance
100
Ω
Alarm Delay1
200
μs
If it moves 100 mV away from input level.
DIE TEMPERATURE SENSOR
Accuracy1
−10
+10
%
Relative to a temperature change.
Output Voltage at 25°C
1.54
V
Output Scale Factor1
4.7
mV/°C
Output Voltage Range1
1
2
V


Similar Part No. - AD5560

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5560 AD-AD5560 Datasheet
2Mb / 67P
   1.2 A Programmable Device Power Supply
AD5560JBCZ AD-AD5560JBCZ Datasheet
1Mb / 68P
   1.2 A Programmable Device Power Supply
REV. D
AD5560JBCZ AD-AD5560JBCZ Datasheet
2Mb / 67P
   1.2 A Programmable Device Power Supply
AD5560JBCZ-REEL AD-AD5560JBCZ-REEL Datasheet
1Mb / 68P
   1.2 A Programmable Device Power Supply
REV. D
AD5560JBCZ-REEL AD-AD5560JBCZ-REEL Datasheet
2Mb / 67P
   1.2 A Programmable Device Power Supply
More results

Similar Description - AD5560

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522 AD-AD5522 Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
AD5522 AD-AD5522_08 Datasheet
1Mb / 60P
   Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
REV. A
AD5522 AD-AD5522_17 Datasheet
1Mb / 65P
   Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
AD5560 AD-AD5560_17 Datasheet
2Mb / 67P
   1.2 A Programmable Device Power Supply
AD5560JSVUZ AD-AD5560JSVUZ Datasheet
1Mb / 68P
   1.2 A Programmable Device Power Supply
REV. D
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
   1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621 Datasheet
533Kb / 16P
   16-Bit DACs with 16-Channel
Rev 1; 2/05
logo
Analog Devices
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
   2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com