Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9649 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9649
Description  14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9649 Datasheet(HTML) 4 Page - Analog Devices

  AD9649 Datasheet HTML 1Page - Analog Devices AD9649 Datasheet HTML 2Page - Analog Devices AD9649 Datasheet HTML 3Page - Analog Devices AD9649 Datasheet HTML 4Page - Analog Devices AD9649 Datasheet HTML 5Page - Analog Devices AD9649 Datasheet HTML 6Page - Analog Devices AD9649 Datasheet HTML 7Page - Analog Devices AD9649 Datasheet HTML 8Page - Analog Devices AD9649 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9649
Rev. 0 | Page 4 of
32
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty
cycle clock, unless otherwise noted.
Table 1.
Parameter
Temp
AD9649-20/AD9649-40
AD9649-65
AD9649-80
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RESOLUTION
Full
14
14
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
−0.40
+0.05
+0.50
−0.40
+0.05
+0.50
−0.40
+0.05
+0.50
% FSR
Gain Error1
Full
−1.5
−1.5
−1.5
% FSR
Differential Nonlinearity (DNL)2
Full
±0.50
+0.55
±0.65
LSB
25°C
±0.25
±0.3
±0.35
LSB
Integral Nonlinearity (INL)2
Full
±1.30
±1.30
±1.75
LSB
25°C
±0.50
±0.50
±0.60
LSB
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
±2
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
Full
0.984
0.996
1.008
0.984
0.996
1.008
0.984
0.996
1.008
V
Load Regulation Error at 1.0 mA
Full
2
2
2
mV
INPUT-REFERRED NOISE
VREF = 1.0 V
25°C
0.98
0.98
0.98
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
2
2
V p-p
Input Capacitance3
Full
6
6
6
pF
Input Common-Mode Voltage
Full
0.9
0.9
0.9
V
Input Common-Mode Range
Full
0.5
1.3
0.5
1.3
0.5
1.3
V
REFERENCE INPUT RESISTANCE
Full
7.5
7.5
7.5
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
3.6
1.7
3.6
1.7
3.6
V
Supply Current
IAVDD2
Full
25.0/31.3
27.3/33.7
41.0
44.0
47.0
50.0
mA
IDRVDD2 (1.8 V)
Full
1.6/2.9
4.7
5.6
mA
IDRVDD2 (3.3 V)
Full
3.0/5.3
8.4
10.2
mA
POWER CONSUMPTION
DC Input
Full
45.2/57.2
75.2
86.8
mW
Sine Wave Input2 (DRVDD = 1.8 V)
Full
47.9/61.6
51.8/65.8
82.3
87.5
94.7
100
mW
Sine Wave Input2 (DRVDD = 3.3 V)
Full
54.9/73.8
101.5
118.3
mW
Standby Power4
Full
34/34
34
34
mW
Power-Down Power
Full
0.5
0.5
0.5
mW
1 Measured with 1.0 V external reference.
2 Measured with a 10 MHz input frequency at rated sample rate, full-scale sine wave, with approximately 5 pF loading on each output bit.
3 Input capacitance refers to the effective capacitance between one differential input pin and ground.
4 Standby power is measured with a dc input and the CLK+, CLK− active.


Similar Part No. - AD9649

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9649-20EBZ AD-AD9649-20EBZ Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9649-20EBZ1 AD-AD9649-20EBZ1 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649-40EBZ AD-AD9649-40EBZ Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9649-40EBZ1 AD-AD9649-40EBZ1 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649-65EBZ AD-AD9649-65EBZ Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9649

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com