Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU110ATU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # IRLU110ATU
Description  Avalanche Rugged Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRLU110ATU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  IRLU110ATU Datasheet HTML 1Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 2Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 3Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 4Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 5Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 6Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 7Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 8Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRLR/U110A
10
-1
10
0
10
1
10
-1
10
0
10
1
@ Notes :
1. 250
µs Pulse Test
2. T
C
= 25
oC
V
GS
Top :
7.0V
6.0V
5.5V
5.0V
4.5V
4.0V
3.5V
Bottom :
3.0V
V
DS
, Drain-Source Voltage [V]
0
5
10
15
20
0.0
0.2
0.4
0.6
0.8
@ Note : T
J
= 25
oC
V
GS
= 10 V
V
GS
= 5 V
I
D
, Drain Current [A]
0
246
0
2
4
6
V
DS
= 80 V
V
DS
= 50 V
V
DS
= 20 V
@ Notes : I
D
= 5.6 A
Q
G
, Total Gate Charge [nC]
02468
10
10
-1
10
0
10
1
25
oC
150
oC
- 55
oC
@ Notes :
1. V
GS
= 0 V
2. V
DS
= 40 V
3. 250
µs Pulse Test
V
GS
, Gate-Source Voltage [V]
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
-1
10
0
10
1
150
oC
25
oC
@ Notes:
1.V
GS = 0 V
2.250
µs PulseTest
V
SD
, Source-Drain Voltage [V]
10
0
10
1
0
70
140
210
280
350
C
iss
= C
gs
+ C
gd
( C
ds
= shorted )
C
oss= Cds+ Cgd
C
rss= Cgd
@ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
3
1&+$11(/
32:(5 026)(7
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current


Similar Part No. - IRLU110ATU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRLU110A FAIRCHILD-IRLU110A Datasheet
272Kb / 9P
   Advanced Power MOSFET
logo
Inchange Semiconductor ...
IRLU110A ISC-IRLU110A Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRLU110ATU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSP4N80AS FAIRCHILD-SSP4N80AS Datasheet
192Kb / 7P
   Avalanche Rugged Technology
logo
Kersemi Electronic Co.,...
IRFM120A KERSEMI-IRFM120A Datasheet
725Kb / 6P
   Avalanche Rugged Technology
logo
Fairchild Semiconductor
IRFR130ATM FAIRCHILD-IRFR130ATM Datasheet
263Kb / 7P
   Avalanche Rugged Technology
IRFU120ATU FAIRCHILD-IRFU120ATU Datasheet
258Kb / 7P
   Avalanche Rugged Technology
IRFM120ATF FAIRCHILD-IRFM120ATF Datasheet
274Kb / 7P
   Avalanche Rugged Technology
SFR9220TF FAIRCHILD-SFR9220TF Datasheet
259Kb / 7P
   Avalanche Rugged Technology
logo
Inchange Semiconductor ...
BUZ11A ISC-BUZ11A Datasheet
66Kb / 2P
   Avalanche rugged technology
logo
Fairchild Semiconductor
SFU9120TU FAIRCHILD-SFU9120TU Datasheet
234Kb / 7P
   Avalanche Rugged Technology
IRFW530ATM FAIRCHILD-IRFW530ATM Datasheet
261Kb / 7P
   Avalanche Rugged Technology
SFR9024TF FAIRCHILD-SFR9024TF Datasheet
236Kb / 7P
   Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com