Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU110ATU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # IRLU110ATU
Description  Avalanche Rugged Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRLU110ATU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRLU110ATU Datasheet HTML 1Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 2Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 3Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 4Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 5Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 6Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 7Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 8Page - Fairchild Semiconductor IRLU110ATU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRLR/U110A
BV
DSS = 100 V
R
DS(on) = 0.44Ω
I
D = 4.7 A
100
4.7
3
16
±20
58
4.7
2.2
6.5
2.5
22
0.18
- 55 to +150
300
5.6
50
110
--
--
--
1
♦ Avalanche Rugged Technology
♦ Rugged Gate Oxide Technology
♦ Lower Input Capacitance
♦ Improved Gate Charge
♦ Extended Safe Operating Area
♦ Lower Leakage Current: 10µA (Max.) @ V
DS = 100V
♦ Lower R
DS(ON): 0.336Ω (Typ.)
$GYDQFHG 3RZHU 026)(7
Thermal Resistance
Junction-to-Case
Junction-to-Ambient
Junction-to-Ambient
RθJC
RθJA
RθJA
°C/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
*
* When mounted on the minimum pad size recommended (PCB Mount).
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (TC=25°C)
Continuous Drain Current (TC=100°C)
Drain Current-Pulsed
(1)
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
(2)
Avalanche Current
(1)
Repetitive Avalanche Energy
(1)
Peak Diode Recovery dv/dt
(3)
Total Power Dissipation (TA=25°C)
Total Power Dissipation (TC=25°C)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8
from case for 5-seconds
Characteristic
Value
Units
Symbol
IDM
VGS
EAS
IAR
EAR
dv/dt
PD
ID
TJ , TSTG
TL
A
V
mJ
A
mJ
V/ns
W
W
W/
°C
A
°C
VDSS
V
*
D-PAK
1. Gate 2. Drain 3. Source
1
2
3
I-PAK
1
3
2
©1999 Fairchild Semiconductor Corporation
Rev. B


Similar Part No. - IRLU110ATU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRLU110A FAIRCHILD-IRLU110A Datasheet
272Kb / 9P
   Advanced Power MOSFET
logo
Inchange Semiconductor ...
IRLU110A ISC-IRLU110A Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRLU110ATU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSP4N80AS FAIRCHILD-SSP4N80AS Datasheet
192Kb / 7P
   Avalanche Rugged Technology
logo
Kersemi Electronic Co.,...
IRFM120A KERSEMI-IRFM120A Datasheet
725Kb / 6P
   Avalanche Rugged Technology
logo
Fairchild Semiconductor
IRFR130ATM FAIRCHILD-IRFR130ATM Datasheet
263Kb / 7P
   Avalanche Rugged Technology
IRFU120ATU FAIRCHILD-IRFU120ATU Datasheet
258Kb / 7P
   Avalanche Rugged Technology
IRFM120ATF FAIRCHILD-IRFM120ATF Datasheet
274Kb / 7P
   Avalanche Rugged Technology
SFR9220TF FAIRCHILD-SFR9220TF Datasheet
259Kb / 7P
   Avalanche Rugged Technology
logo
Inchange Semiconductor ...
BUZ11A ISC-BUZ11A Datasheet
66Kb / 2P
   Avalanche rugged technology
logo
Fairchild Semiconductor
SFU9120TU FAIRCHILD-SFU9120TU Datasheet
234Kb / 7P
   Avalanche Rugged Technology
IRFW530ATM FAIRCHILD-IRFW530ATM Datasheet
261Kb / 7P
   Avalanche Rugged Technology
SFR9024TF FAIRCHILD-SFR9024TF Datasheet
236Kb / 7P
   Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com