Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT41GV7AFR4C-H9 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HMT41GV7AFR4C-H9
Description  DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT41GV7AFR4C-H9 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HMT41GV7AFR4C-H9 Datasheet HTML 3Page - Hynix Semiconductor HMT41GV7AFR4C-H9 Datasheet HTML 4Page - Hynix Semiconductor HMT41GV7AFR4C-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT41GV7AFR4C-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT41GV7AFR4C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT41GV7AFR4C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT41GV7AFR4C-H9 Datasheet HTML 9Page - Hynix Semiconductor HMT41GV7AFR4C-H9 Datasheet HTML 10Page - Hynix Semiconductor HMT41GV7AFR4C-H9 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
Rev. 1.0 / May. 2013
7
DQS[17:0]
I/O
Positive
Edge
Positive line of the differential data strobe for input and output data.
DQS[17:0]
I/O
Negative
Edge
Negative line of the differential data strobe for input and output data.
TDQS[17:9]
TDQS[17:9]
OUT
TDQS/TDQS is applicable for X8 DRAMs only. When enabled via Mode Register A11=1 in
MR1,DRAM will enable the same termination resistance function on TDQS/TDQS that is
applied to DQS/DQS. When disabled via mode register A11=0 in MR1, DM/TDQS will
provide the data mask function and TDQS is not used. X4 DRAMs must disable the TDQS
function via mode register A11=0 in MR1
SA[2:0]
IN
These signals are tied at the system planar to either VSS or VDDSPD to configure the
serial SPD EEPROM address range.
SDA
I/O
This bidirectional pin is used to transfer data into or out of the SPD EEPROM. A resistor
must be connected from the SDA bus line to VDDSPD on the system planar to act as a
pullup.
SCL
IN
This signal is used to clock data into and out of the SPD EEPROM. A resistor may be con-
nected from the SCL bus time to VDDSPD on the system planar to act as a pullup.
EVENT
OUT
(open
drain)
Active Low
This signal indicates that a thermal event has been detected in the thermal sensing
device.The system should guarantee the electrical level requirement is met for the
EVENT pin on TS/SPD part.
No pull-up resister is provided on DIMM.
VDDSPD
Supply
Serial EEPROM positive power supply wired to a separate power pin at the connector
which supports from 3.0 Volt to 3.6 Volt (nominal 3.3V) operation.
RESET
IN
The RESET pin is connected to the RESET pin on the register and to the RESET pin on
the DRAM.
Par_In
IN
Parity bit for the Address and Control bus. (“1 “: Odd, “0 “: Even)
Err_Out
OUT
(open
drain)
Parity error detected on the Address and Control bus. A resistor may be connected from
Err_Out bus line to VDD on the system planar to act as a pull up.
TEST
Used by memory bus analysis tools (unused (NC) on memory DIMMs)
Symbol
Type
Polarity
Function


Similar Part No. - HMT41GV7AFR4C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT41GV7AFR4A HYNIX-HMT41GV7AFR4A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT41GV7AFR4A-H9 HYNIX-HMT41GV7AFR4A-H9 Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT41GV7AFR4A-PB HYNIX-HMT41GV7AFR4A-PB Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT41GV7AFR4A-RD HYNIX-HMT41GV7AFR4A-RD Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
More results

Similar Description - HMT41GV7AFR4C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451V7MFR8C HYNIX-HMT451V7MFR8C Datasheet
1Mb / 67P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb M-die
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT451V7AFR8A HYNIX-HMT451V7AFR8A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
logo
Elpida Memory
EBJ41HF4B1QA ELPIDA-EBJ41HF4B1QA Datasheet
227Kb / 21P
   4GB VLP Registered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
HMT451V7MFR8A HYNIX-HMT451V7MFR8A Datasheet
1Mb / 67P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb M-die
HMT325V7CFR8C HYNIX-HMT325V7CFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
HMT325V7EFR8C HYNIX-HMT325V7EFR8C Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
HMA451R7AFR8N HYNIX-HMA451R7AFR8N Datasheet
1Mb / 79P
   DDR4 SDRAM Registered DIMM Based on 4Gb A-die
HMT451R7AFR8A HYNIX-HMT451R7AFR8A Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
logo
Elpida Memory
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com