Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2805C-1 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS2805C-1
Description  HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2805C-1 Datasheet(HTML) 4 Page - California Eastern Labs

  PS2805C-1 Datasheet HTML 1Page - California Eastern Labs PS2805C-1 Datasheet HTML 2Page - California Eastern Labs PS2805C-1 Datasheet HTML 3Page - California Eastern Labs PS2805C-1 Datasheet HTML 4Page - California Eastern Labs PS2805C-1 Datasheet HTML 5Page - California Eastern Labs PS2805C-1 Datasheet HTML 6Page - California Eastern Labs PS2805C-1 Datasheet HTML 7Page - California Eastern Labs PS2805C-1 Datasheet HTML 8Page - California Eastern Labs PS2805C-1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PS2805C-1, PS2805C-4e
R08DS0074EJ0300 Rev.3.00
Page 4 of 12
Jan 9, 2013
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standards
Approval
Application
Part Number
*1
PS2805C-1-F3
PS2805C-1-F3-A
Embossed Tape 3
500 pcs/reel
PS2805C-1
PS2805C-4-F3
PS2805C-4-F3-A
Embossed Tape 2
500 pcs/reel
Standard products
(UL, CSA, BSI approved)
PS2805C-4
PS2805C-1-V-F3
PS2805C-1-V-F3-A
Embossed Tape 3
500 pcs/reel
PS2805C-1
PS2805C-4-V-F3
PS2805C-4-V-F3-A
Pb-Free
Embossed Tape 2
500 pcs/reel
DIN EN 60747-5-5
(VDE0884-5)
Approved (Option)
PS2805C-4
Note:
*1. For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
PS2805C-1
PS2805C-4
Diode
Forward Current (DC)
IF
±30
mA/ch
Power Dissipation Derating
ΔP
D/°C
0.6
0.8
mW/
°C
Power Dissipation
PD
60
80
mW/ch
Peak Forward Current
*1
IFP
±0.5
A/ch
Transistor
Collector to Emitter Voltage
VCEO
80
V
Emitter to Collector Voltage
VECO
5
V
Collector Current
IC
30
mA/ch
Power Dissipation Derating
ΔP
C/°C
1.2
mW/
°C
Power Dissipation
PC
120
mW/ch
Isolation Voltage
*2
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes:
*1. PW = 100
μs, Duty Cycle = 1%
*2. AC voltage for 1 minute at T
A = 25°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-4 shorted together (PS2805C-1).
Pins 1-8 shorted together, 9-16 shorted together (PS2805C-4).
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS2805C-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2805C-1 ETC2-PS2805C-1 Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
logo
List of Unclassifed Man...
PS2805C-1-A ETC2-PS2805C-1-A Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805C-1-F3 ETC2-PS2805C-1-F3 Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1-F3 RENESAS-PS2805C-1-F3 Datasheet
198Kb / 14P
   PS2805-1_15v
More results

Similar Description - PS2805C-1

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2805C-1-A ETC2-PS2805C-1-A Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832_12 Datasheet
196Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com