Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2561AL1-1Y-A Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS2561AL1-1Y-A
Description  HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2561AL1-1Y-A Datasheet(HTML) 5 Page - California Eastern Labs

  PS2561AL1-1Y-A Datasheet HTML 1Page - California Eastern Labs PS2561AL1-1Y-A Datasheet HTML 2Page - California Eastern Labs PS2561AL1-1Y-A Datasheet HTML 3Page - California Eastern Labs PS2561AL1-1Y-A Datasheet HTML 4Page - California Eastern Labs PS2561AL1-1Y-A Datasheet HTML 5Page - California Eastern Labs PS2561AL1-1Y-A Datasheet HTML 6Page - California Eastern Labs PS2561AL1-1Y-A Datasheet HTML 7Page - California Eastern Labs PS2561AL1-1Y-A Datasheet HTML 8Page - California Eastern Labs PS2561AL1-1Y-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet PN10222EJ08V0DS
5
PS2561A-1,PS2561AL-1,PS2561AL1-1,PS2561AL2-1
ABSOLUTE MAXIMUM RATINGS (TA = 25 C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Reverse Voltage
VR
6
V
Forward Current (DC)
IF
30
mA
Power Dissipation Derating
PD/ C
1.5
mW/ C
Power Dissipation
PD
150
mW
Peak Forward Current
*1
IFP
0.5
A
Transistor
Collector to Emitter Voltage
VCEO
70
V
Emitter to Collector Voltage
VECO
5
V
Collector Current
IC
30
mA
Power Dissipation Delay
PC/ C
1.5
mW/ C
Power Dissipation
PC
150
mW
Isolation Voltage
*2
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
55 to +100
C
Storage Temperature
Tstg
55 to +150
C
*1 PW = 100 s, Duty Cycle = 1%
*2 AC voltage for 1 minute at TA = 25 C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-4 shorted together.


Similar Part No. - PS2561AL1-1Y-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2561AL1-1 CEL-PS2561AL1-1 Datasheet
471Kb / 15P
   PHOTOCOUPLER
logo
Renesas Technology Corp
PS2561AL1-1 RENESAS-PS2561AL1-1 Datasheet
5Mb / 17P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE
Dec 25, 2020
More results

Similar Description - PS2561AL1-1Y-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
celduc-relais
PS2501-1-L-A CELDUC-PS2501-1-L-A Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2501L-1-L ETC2-PS2501L-1-L Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501A-1 ETC1-PS2501A-1 Datasheet
371Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501A-1 CEL-PS2501A-1 Datasheet
233Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501-1 NEC-PS2501-1_1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501-1 CEL-PS2501-1 Datasheet
452Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com