Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-M Datasheet(PDF) 6 Page - General Semiconductor

Part # AB-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

AB-M Datasheet(HTML) 6 Page - General Semiconductor

Back Button AB-M Datasheet HTML 2Page - General Semiconductor AB-M Datasheet HTML 3Page - General Semiconductor AB-M Datasheet HTML 4Page - General Semiconductor AB-M Datasheet HTML 5Page - General Semiconductor AB-M Datasheet HTML 6Page - General Semiconductor AB-M Datasheet HTML 7Page - General Semiconductor AB-M Datasheet HTML 8Page - General Semiconductor AB-M Datasheet HTML 9Page - General Semiconductor AB-M Datasheet HTML 10Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions and Design Considerations for further information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off (positive logic)
(VI = 0 V to 75 V; open collector or
equivalent compatible; signal
referenced to VI(–) terminal. See
Figures 10, 14 and Feature
Descriptions.):
DW025xx-M Positive Logic:
Logic Low—Module Off
Logic High—Module On
DW025xx1-M Negative Logic:
Logic Low—Module On
Logic High—Module Off
Module Specifications:
On/Off Current—Logic Low
On/Off Voltage:
Logic Low
Logic High (Ion/off = 0)
Open Collector Switch Specifications:
Leakage Current During Logic High
(Von/off = 10 V)
Output Low Voltage During Logic
Low (Ion/off = 1 mA)
Turn-on Time (IO = 80% of IO, max; VO
within ±1% of steady state)
Output Voltage Overshoot
All
All
All
All
All
All
All
Ion/off
Von/off
Von/off
Ion/off
Von/off
0
30
0
1.0
1.2
10
50
1.2
5
mA
V
V
µA
V
ms
%
Output Overvoltage Clamp
DW025AJ-M
DW025BK-M
DW025CL-M
DW025AA-M
DW025AB-M
DW025AF-M
DW025BB-M
DW025CC-M
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
7
–7
16
–16
20
–20
7
7
7
16
7
5
16
16
20
20
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
Input Undervoltage Lockout:
Module On
Module Off
All
All
VUVLO
VUVLO
20
28
28
36
V
V


Similar Part No. - AB-M

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-0151BD-01WA-G10-S A-BRIGHT-AB-0151BD-01WA-G10-S Datasheet
205Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0151BD-12V0-M00-S A-BRIGHT-AB-0151BD-12V0-M00-S Datasheet
200Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0151BD-24V0-M00-S A-BRIGHT-AB-0151BD-24V0-M00-S Datasheet
201Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0151GD-01WA-G10-S A-BRIGHT-AB-0151GD-01WA-G10-S Datasheet
205Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0151GD-12V0-M00-S A-BRIGHT-AB-0151GD-12V0-M00-S Datasheet
200Kb / 3P
   HIGH POWER LED BULB
7/2/2007
More results

Similar Description - AB-M

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
   DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JHW050FG LINEAGEPOWER-JHW050FG Datasheet
490Kb / 17P
   JHW050 Dual Positive Output-Series Power Modules dc-dc Converter: 36 Vdc to 75 Vdc Input, Dual Positive Outputs 50W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
Bel Fuse Inc.
0RXU-75TD10 BEL-0RXU-75TD10 Datasheet
292Kb / 8P
   ISOLATED DC/DC CONVERTERS 36 Vdc - 75 Vdc Input 12 Vdc/5 A, -12 Vdc/1.5 A Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com