Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW0402RJNEAIF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRCW0402RJNEAIF
Description  Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0402RJNEAIF Datasheet(HTML) 1 Page - Vishay Siliconix

  CRCW0402RJNEAIF Datasheet HTML 1Page - Vishay Siliconix CRCW0402RJNEAIF Datasheet HTML 2Page - Vishay Siliconix CRCW0402RJNEAIF Datasheet HTML 3Page - Vishay Siliconix CRCW0402RJNEAIF Datasheet HTML 4Page - Vishay Siliconix CRCW0402RJNEAIF Datasheet HTML 5Page - Vishay Siliconix CRCW0402RJNEAIF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Lead (Pb)-free Thick Film, Rectangular,
Pulse Proof Chip Resistors
D../CRCW....-IF e3
Vishay
www.vishay.com
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
Document Number: 20024
1
Revision: 13-Oct-08
FEATURES
• High pulse performance
• Metal glaze on high quality ceramic
• Protective overglaze
• Lead (Pb)-free solder contacts on Ni barrier layer
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compatible with “Restriction of the use of Hazardous
Substances” (RoHS) directive 2002/95/EC (issue 2004)
• Excellent stability (ΔR/R ≤ ± 1 % for 1000 h at 70 °C) in
different environmental conditions
Notes
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
• Marking and packaging: See appropriate catalog or web pages
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material
Note
(1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printe-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
Notes
(2) Preferred way for ordering products is by use of the PART NUMBER
(3) Please refer to table PACKAGING, see next page
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
POWER RATING
P70 °C
W
LIMITING
ELEMENT
VOLTAGE
MAX. V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
Ω
E-SERIES
INCH
METRIC
D10/CRCW0402-IF
0402
1005
0.063
50
± 200
± 5, ± 10
1R0 - 100K
E24
D11/CRCW0603-IF
0603
1608
0.10
75
± 200
± 5, ± 10
1R0 - 100K
E24
D12/CRCW0805-IF
0805
2012
0.125
150
± 200
± 5, ± 10
1R0 - 100K
E24
D25/CRCW1206-IF
1206
3216
0.25
200
± 200
± 5, ± 10
1R0 - 100K
E24
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
D10/CRCW0402-IF
D11/CRCW0603-IF
D12/CRCW0805-IF
D25/CRCW1206-IF
Rated Dissipation at
P70 (1)
W
0.063
0.10
0.125
0.25
Limiting Element Voltage
Umax. AC/DC
V
50
75
150
200
Insulation Voltage
Uins (1 min)
V
> 75
> 100
> 200
> 300
Thermal Resistance
K/W
≤ 870
≤ 550
≤ 440
≤ 220
Insulation Resistance
Ω
> 109
Category Temperature Range
°C
- 55 to + 155
Weight
mg
0.65
2
5.5
10
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: CRCW08051R00JNEAIF (2)
MODEL/SIZE
VALUE
TOLERANCE
TCR
PACKAGING (3)
SPECIAL
CRCW0402
CRCW0603
CRCW0805
CRCW1206
R = Decimal
K = Thousand
J = ± 5 %
K = ± 10 %
N = ± 200 ppm/K
S = Special
EA, EB, EC
ED, EE, EI,
EL
Up to 2 digits
IF = Pulse
PRODUCT DESCRIPTION: D12/CRCW0805-IF 200 1R0 5 % ET1 e3
D12/CRCW0805-IF
200
1R0
5 %
ET1
e3
MODEL
TCR
RESISTANCE VALUE
TOLERANCE
PACKAGING (3)
LEAD (Pb)-FREE
D10/CRCW0402-IF
D11/CRCW0603-IF
D12/CRCW0805-IF
D12/CRCW1206-IF
± 200 ppm/K
1R0 = 1
Ω
10K = 10.0 k
Ω
± 5 %
± 10 %
ET1, ET5, ET6,
ET7, EF4, EG1,
E20
e3 = Pure tin
Terminal finish
C
W
080
51
R
00
N
A
F
CR
JE
I


Similar Part No. - CRCW0402RJNEAIF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0402RJNEA VISHAY-CRCW0402RJNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0402RJNEA VISHAY-CRCW0402RJNEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW0402RJNEA VISHAY-CRCW0402RJNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0402RJNEA VISHAY-CRCW0402RJNEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW0402RJNEA VISHAY-CRCW0402RJNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results

Similar Description - CRCW0402RJNEAIF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW040247K0JNEAIF VISHAY-CRCW040247K0JNEAIF Datasheet
134Kb / 6P
   Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors
Revision: 13-Oct-08
CRCW06032R20JNEAIF VISHAY-CRCW06032R20JNEAIF Datasheet
134Kb / 6P
   Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors
Revision: 13-Oct-08
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com