Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN822 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AN822
Description  N-Channel 20-V (D-S) Fast Switching MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AN822 Datasheet(HTML) 2 Page - Vishay Siliconix

  AN822 Datasheet HTML 1Page - Vishay Siliconix AN822 Datasheet HTML 2Page - Vishay Siliconix AN822 Datasheet HTML 3Page - Vishay Siliconix AN822 Datasheet HTML 4Page - Vishay Siliconix AN822 Datasheet HTML 5Page - Vishay Siliconix AN822 Datasheet HTML 6Page - Vishay Siliconix AN822 Datasheet HTML 7Page - Vishay Siliconix AN822 Datasheet HTML 8Page - Vishay Siliconix AN822 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 73216
S-80581-Rev. E, 17-Mar-08
Vishay Siliconix
Si7108DN
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
12
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 16 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
40
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 22 A
0.0041
0.0049
Ω
VGS = 4.5 V, ID = 19.7 A
0.005
0.0061
Forward Transconductancea
gfs
VDS = 15 V, ID = 22 A
88
S
Diode Forward Voltagea
VSD
IS = 3.2 A, VGS = 0 V
0.75
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 22 A
20
30
nC
Gate-Source Charge
Qgs
6.3
Gate-Drain Charge
Qgd
4.9
Gate Resistance
Rg
f = 1 MHz
0.7
1.4
2.1
Ω
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 20 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
10
15
ns
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
60
130
Fall Time
tf
10
15
Source-Drain Reverse Recovery Time
trr
IF = 3.2 A, di/dt = 100 A/µs
30
60
Reverse Recovery Charge
Qrr
20
36
nC
Output Characteristics
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VGS = 10 thru 4 V
3 V
VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - AN822

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN822 VISHAY-AN822 Datasheet
556Kb / 13P
   Dual P-Channel 40 V (D-S) MOSFET
Rev. C, 07-Nov-11
logo
Panasonic Semiconductor
AN8221FB PANASONIC-AN8221FB Datasheet
506Kb / 13P
   HDD Sensor-less Motor Driver IC
More results

Similar Description - AN822

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7458DP VISHAY-SI7458DP Datasheet
51Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. A, 04-Mar-02
SI7110DN VISHAY-SI7110DN Datasheet
534Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7448DP VISHAY-SI7448DP Datasheet
42Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. B, 18-Aug-03
SISH106DN VISHAY-SISH106DN Datasheet
189Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7106DN VISHAY-SI7106DN_V01 Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
18-Jul-08
SI7106DN VISHAY-SI7106DN Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 30-Jun-08
SI7108DN-T1-E3 VISHAY-SI7108DN-T1-E3 Datasheet
536Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7108DN VISHAY-SI7108DN_V01 Datasheet
531Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7110DN VISHAY-SI7110DN_V01 Datasheet
533Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7448DP VISHAY-SI7448DP_V01 Datasheet
216Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7108DN VISHAY-SI7108DN Datasheet
107Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com