Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQB-1NWA-DCNL-000-ESA Datasheet(PDF) 9 Page - CUI INC

Part # NQB-1NWA-DCNL-000-ESA
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NQB-1NWA-DCNL-000-ESA Datasheet(HTML) 9 Page - CUI INC

Back Button NQB-1NWA-DCNL-000-ESA Datasheet HTML 5Page - CUI INC NQB-1NWA-DCNL-000-ESA Datasheet HTML 6Page - CUI INC NQB-1NWA-DCNL-000-ESA Datasheet HTML 7Page - CUI INC NQB-1NWA-DCNL-000-ESA Datasheet HTML 8Page - CUI INC NQB-1NWA-DCNL-000-ESA Datasheet HTML 9Page - CUI INC NQB-1NWA-DCNL-000-ESA Datasheet HTML 10Page - CUI INC NQB-1NWA-DCNL-000-ESA Datasheet HTML 11Page - CUI INC NQB-1NWA-DCNL-000-ESA Datasheet HTML 12Page - CUI INC NQB-1NWA-DCNL-000-ESA Datasheet HTML 13Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
cui.com
date 02/20/2013
│ page 9 of 30
CUI Inc
│ SERIES: NQB-N │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Electrical Specification
12.0 V, 39 A / 468 W
T
P1, TP3 = -40 to +90ºC, VI = 40 to 60 V.
Typical values given at: T
P1, TP3 = +25°C, VI = 53 V, max IO, unless otherwise specified under Conditions.
Additional C
out = 3.9 mF, Configuration File: 19010-CDA 102 0314/002
Note
1: OCP in hic-up mode
2: Low ESR-value
3: C
out = 100 µF, external capacitance
4: Sink current drawn by external device connected to the RC pin. Minimum sink current required guaranteeing activated RC function.
parameter
conditions/description
min
typ
max
units
input voltage range (V
I)
40
60
V
turn-off input voltage (V
Ioff)
decreasing input voltage
36
37
38
V
turn-on input voltage (V
Ion)
increasing input voltage
38
39
40
V
internal input capacitance (C
I)
18
μF
output power (P
O)
0
468
W
efficiency (η)
50% of max I
O
max I
O
50% of max I
O, VI = 48 V
max I
O, VI = 48 V
96.7
95.7
96.8
95.6
%
%
%
%
power dissipation (P
d)
max I
O
21.2
30.5
W
input idling power (P
li)
I
O = 0 A, VI = 53 V
2.8
W
input standby power (P
RC)
V
I = 53 V (turned off with RC)
0.4
W
switching frequency (f
s)
0-100% of max I
O
140
kHz
output voltage setting and ac-
curacy (V
Oi)
T
P1 = +25°C, VI = 53 V, IO = 39 A
11.88
12.0
12.12
V
output voltage tolerance band
(V
O)
0-100% of max I
O
11.76
12.24
V
line regulation (V
O)
max I
O
31
60
mV
load regulation (V
O)
V
I = 53 V, 1-100% of max IO
5
25
mV
load transient voltage deviation
(V
tr)
V
I = 53 V, load step 25-75-25% of max IO, di/dt =
1 A/μs
±0.4
V
load transient recovery time
(t
tr)
V
I = 53 V, load step 25-75-25% of max IO, di/dt =
1 A/μs
150
µs
ramp-up time (t
r) - (from
10−90% of V
Oi)
10-100% of max I
O, TP1 = 25ºC, VI = 53 V
8
ms
start-up time (t
s) - (from VI
connection to 90% of V
Oi)
10-100% of max I
O, TP1 = 25ºC, VI = 53 V
24
ms
V
I shut-down fall time (tf) -
(from V
I off to 10% of VO)
max I
O
I
O = 0 A, CO = 0 mF
3
7
ms
s
RC start-up time (t
RC)
max I
O
12
ms
RC shut-down fall time (t
RC) -
(from RC off to 10% of V
O)
max I
O
I
O = 0 A, CO = 0 mF
4.5
7
ms
s
output current (I
O)
0
39
A
current limit threshold (I
lim)
V
O = 10.8 V, TP1, TP3 < max TP1, TP3
41
44
47
A
short circuit current (I
sc)
T
P1 = 25ºC, see Note 1
14
A
recommended capacitive load
(C
out)
T
P1 = 25ºC, see Note 2
0.1
3.9
6
mF
output ripple & noise (V
Oac)
See ripple & noise section, max I
O , see Note 3
50
110
mVp-p
over voltage protection (OVP)
T
P1, TP3 = 25°C, VI = 53 V, 10-100% of max IO
15.6
V
remote control (RC)
sink current (note 4), see operating information
trigger level, decreasing RC-voltage
trigger level, increasing RC-voltage
2.6
2.9
0.7
mA
V
V


Similar Part No. - NQB-1NWA-DCNL-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NQB-100DMA-DANG-000-ESA CUI-NQB-100DMA-DANG-000-ESA Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100DMA-DANJ-000-ESA CUI-NQB-100DMA-DANJ-000-ESA Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100DMA-DBNJ-000-ESA CUI-NQB-100DMA-DBNJ-000-ESA Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100DMA-DCNJ-000-ESA CUI-NQB-100DMA-DCNJ-000-ESA Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100DMA-DDNJ-000-ESA CUI-NQB-100DMA-DDNJ-000-ESA Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
More results

Similar Description - NQB-1NWA-DCNL-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NQB-D CUI-NQB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-D CUI-NEB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-264NWA-AN CUI-NEB-264NWA-AN Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-420DWA-AN CUI-NQB-420DWA-AN Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-N CUI-NQB-N Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-264DWA-AN CUI-NEB-264DWA-AN Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-N CUI-NEB-N Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com