Electronic Components Datasheet Search |
|
CRCW0603MZKEBHP Datasheet(PDF) 5 Page - Vishay Siliconix |
|
CRCW0603MZKEBHP Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 6 page www.vishay.com For technical questions, contact: thickfilmchip@vishay.com Document Number: 20043 5 Revision: 07-May-09 CRCW....-HP e3 Vishay Pulse Proof, High Power Thick Film Chip Resistors TEST PROCEDURES AND REQUIREMENTS EN 60115-1 TEST (clause) CONDITIONS OF TEST REQUIREMENTS PERMISSIBLE CHANGE ( ΔR) STABILITY CLASS 2 OR BETTER Stability for product types: 1 Ω - 1 MΩ CRCW....-HP e3 Resistance (4.5) - ± 1 %, ± 5 % Temperature coefficient (4.8.4.2) 20/- 55/20 °C and 20/125/20 °C ± 100 ppm/K, ± 200 ppm/K Overload (4.13) ≤ 2 × U max.; Duration: according the style ± (0.5 % R + 0.05 Ω) Solderability (4.17.5) Aging 4 h at 155 °C, dryheat Solder bath method; 235 °C; 2 s Visual examination Good tinning ( ≥ 95 % covered) no visible damage Resistance to soldering heat (4.18.2) Solder bath method; (260 ± 5) °C; (10 ± 1) s ± (1 % R + 0.05 Ω) Rapid change of temperature (4.19) 30 min at LCT = - 55 °C; 30 min at UCT = 125 °C; 5 cycles ± (1 % R + 0.05 Ω) Damp heat, steady state (4.24) (40 ± 2) °C; 56 days; (93 ± 3) % RH ± (2 % R + 0.05 Ω) Climatic sequence (4.23) 16 h at UCT = 125 °C; 1 cycle at 55 °C; 2 h at LCT = - 55 °C; 1 h/1 kPa at 15 °C to 35 °C; 5 cycles at 55 °C U = Umax.; whichever is less severe ± (2 % R + 0.05 Ω) Endurance at 70 °C (4.25.1) U = Umax.; whichever is less severe 1.5 h ON; 0.5 h OFF; 70 °C; 1000 h ± (2 % R + 0.05 Ω) Endurance at upper category temperature (4.25.3) UCT = 155 °C; 1000 h ± (2 % R + 0.05 Ω) U 2.5 x P 70 x R = UP 70 x R = UP 70 x R = APPLICABLE SPECIFICATIONS • EN 60115-1 Generic specification • AEC-Q200 Generic specification • EN 140400 Sectional specification • EN 140401-802 Detail specification • IEC 60068-2-X Variety of environmental test procedures • IEC 60286-3 Packaging of SMD components |
Similar Part No. - CRCW0603MZKEBHP |
|
Similar Description - CRCW0603MZKEBHP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |