Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW0603MFNEBHP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CRCW0603MFNEBHP
Description  Pulse Proof, High Power Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0603MFNEBHP Datasheet(HTML) 3 Page - Vishay Siliconix

  CRCW0603MFNEBHP Datasheet HTML 1Page - Vishay Siliconix CRCW0603MFNEBHP Datasheet HTML 2Page - Vishay Siliconix CRCW0603MFNEBHP Datasheet HTML 3Page - Vishay Siliconix CRCW0603MFNEBHP Datasheet HTML 4Page - Vishay Siliconix CRCW0603MFNEBHP Datasheet HTML 5Page - Vishay Siliconix CRCW0603MFNEBHP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact: thickfilmchip@vishay.com
Document Number: 20043
3
Revision: 07-May-09
CRCW....-HP e3
Vishay
Pulse Proof, High Power Thick Film Chip Resistors
DIMENSIONS in millimeters
FUNCTIONAL PERFORMANCE
SIZE
RESISTANCE
RANGE
Ω
DIMENSIONS
SOLDER PAD DIMENSIONS
REFLOW
SOLDERING
WAVE
SOLDERING
INCH METRIC
L
W
H
T1
T2
a
b
l
a
b
l
0402
1005
1R - 1M
1.0 ± 0.05
0.5 ± 0.05
0.3 ± 0.1
0.25 ± 0.1
0.2 ± 0.1
0.4
0.6
0.5
0603
1608
1R - 1M
1.6 ± 0.1
0.85 ± 0.1
0.45 ± 0.1
0.3 ± 0.2
0.3 ± 0.2
0.5
0.9
1.0
0.9
0.9
1.0
0805
2012
1R - 1M
2.0 ± 0.15
1.25 ± 0.15
0.50 ± 0.1
0.4 ± 0.2
0.35 ± 0.2
0.7
1.3
1.2
0.9
1.3
1.3
1206
3216
1R - 1M
3.1 ± 0.2
1.6 ± 0.15
0.50 ± 0.15
0.5 ± 0.2
0.45 ± 0.2
0.9
1.7
2.0
1.1
1.7
2.3
2010
5025
1R - 1M
5.0 ± 0.15
2.5 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
2.5
3.9
1.2
2.5
3.9
2512
6332
1R - 1M
6.3 ± 0.2
3.15 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
3.2
5.2
1.2
3.2
5.2
Maximum pulse dissipation as a function of the pulse duration, single pulse for CRCW...-HP
Maximum pulse dissipation as a function of the pulse duration, continuous pulse for CRCW...-HP
l
b
a
Single Pulse
2512
2010
1206
0805
0603
0402
0.000001 0.00001 0.0001
0.001
0.01
0.1
1
10
10 000
0.01
0.1
1
10
100
Pulse Duration
i (s)
100
t
1000
Continuous Pulse
0.000001 0.00001 0.0001
0.001
0.01
0.1
1
10
10 000
0.01
0.1
1
10
100
Pulse Duration
i (s)
100
t
1000
2512
2010
1206
0805
0603
0402


Similar Part No. - CRCW0603MFNEBHP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0603MFNEBHP VISHAY-CRCW0603MFNEBHP Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
More results

Similar Description - CRCW0603MFNEBHP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW1206510RFKEA VISHAY-CRCW1206510RFKEA Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW080518R0FKEAHP VISHAY-CRCW080518R0FKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW-HP-E3 VISHAY-CRCW-HP-E3 Datasheet
152Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 16-Sep-16
CRCW06031K50FKEAHP VISHAY-CRCW06031K50FKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCWHPE3 VISHAY-CRCWHPE3 Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW0603820RFKEAHP VISHAY-CRCW0603820RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW-HPE3 VISHAY-CRCW-HPE3 Datasheet
148Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
01-Jan-2022
CRCW0402220RFKEAHP VISHAY-CRCW0402220RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW12100000Z0EAHP VISHAY-CRCW12100000Z0EAHP Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW25121R05FKEGHP VISHAY-CRCW25121R05FKEGHP Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com