Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G83JFR Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # H5PS1G83JFR
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G83JFR Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button H5PS1G83JFR Datasheet HTML 8Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 9Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 10Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 11Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 12Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 13Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 14Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 15Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
Rev. 1.7 / Apr. 2012
12
H5PS1G83JFR Series
3.2.4 Differential Input AC logic Level
Note:
1. VIN(DC) specifies the allowable DC execution of each input of differential pair such as CK, CK, DQS, DQS, LDQS,
LDQS, UDQS and UDQS.
2. VID(DC) specifies the input differential voltage |VTR -VCP | required for switching, where VTR is the true input
(such as CK, DQS, LDQS or UDQS) level and VCP is the complementary input (such as CK, DQS, LDQS or UDQS)
level.
The minimum value is equal to VIH(DC) - V IL(DC).
Note:
1. VID(AC) specifies the input differential voltage |VTR -VCP | required for switching, where VTR is the true input sig-
nal
(such as CK, DQS, LDQS or UDQS) and VCP is the complementary input signal (such as CK, DQS, LDQS or UDQS).
The minimum value is equal to V IH(AC) - V IL(AC).
2. The typical value of VIX(AC) is expected to be about 0.5 * VDDQ of the transmitting device and VIX(AC) is
expected to track variations in VDDQ. VIX(AC) indicates the voltage at which differential input signals must cross.
3.2.5 Differential AC output parameters
Note:
1. The typical value of VOX(AC) is expected to be about 0.5 * V DDQ of the transmitting device and VOX(AC) is
expected to track variations in VDDQ. VOX(AC) indicates the voltage at which differential output signals must
cross.
Symbol
Parameter
Min.
Max.
Units
Notes
VID (ac)
ac differential input voltage
0.5
VDDQ + 0.6
V
1
VIX (ac)
ac differential cross point voltage
0.5 * VDDQ - 0.175
0.5 * VDDQ + 0.175
V
2
Symbol
Parameter
Min.
Max.
Units
Notes
VOX (ac) ac differential cross point voltage
0.5 * VDDQ - 0.125
0.5 * VDDQ + 0.125
V
1
VDDQ
Crossing point
VSSQ
VTR
VCP
VID
VIX or VOX
< Differential signal levels >


Similar Part No. - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83EFR HYNIX-H5PS1G83EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
H5PS1G83EFR-C4I HYNIX-H5PS1G83EFR-C4I Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G83EFR-G7Q HYNIX-H5PS1G83EFR-G7Q Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G83EFR-S5P HYNIX-H5PS1G83EFR-S5P Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G63JFR HYNIX-H5PS1G63JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com