Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G83JFR Datasheet(PDF) 45 Page - Hynix Semiconductor

Part # H5PS1G83JFR
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G83JFR Datasheet(HTML) 45 Page - Hynix Semiconductor

Back Button H5PS1G83JFR Datasheet HTML 41Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 42Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 43Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 44Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 45Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 46Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 47Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 48Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 49Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
Rev. 1.7 / Apr. 2012
45
Release
H5PS1G83JFR Series
3.5. Input/Output Capacitance
4. Electrical Characteristics & AC Timing Specification
( 0 ℃ ≤ TCASE ≤ 95℃; VDDQ = 1.8 V +/- 0.1V; VDD = 1.8V +/- 0.1V)
Refresh Parameters by Device Density
DDR2 SDRAM speed bins and tRCD, tRP and tRC for corresponding bin
Parameter
Symbol
DDR2- 1066
Units
Min
Max
Input capacitance, CK and CK
CCK
1.0
2.0
pF
Input capacitance delta, CK and CK
CDCK
x
0.25
pF
Input capacitance, all other input-only pins
CI
1.0
1.75
pF
Input capacitance delta, all other input-only pins
CDI
x
0.25
pF
Input/output capacitance, DQ, DM, DQS, DQS
CIO
2.5
3.5
pF
Input/output capacitance delta, DQ, DM, DQS, DQS
CDIO
x
0.5
pF
Parameter
Symbol
256Mb 512Mb 1Gb
2Gb
4Gb
Units
Refresh to Active
/Refresh command time
tRFC
75
105
127.5
195
327.5
ns
Average periodic refresh interval tREFI
-45 ℃≤ TCASE ≤ 85
7.8
7.8
7.8
7.8
7.8
us
85℃ < TCASE ≤95℃
3.9
3.9
3.9
3.9
3.9
us
Speed
DDR2-1066
Units
Bin(CL-tRCD-tRP)
7-7-7
Parameter
min
CAS Latency
7tCK
tRCD : ACT to RD(A) or WT(A) Delay
13.125
ns
tRP : PRE to ACT Delay
13.125
ns
tRAS : ACT to PRE Delay
45 min / 70000 max
ns
tRC : ACT to ACT Delay
58.125
ns
tCK(avg) @ CL=7
1.875 min / 7.5 max
ns


Similar Part No. - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83EFR HYNIX-H5PS1G83EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
H5PS1G83EFR-C4I HYNIX-H5PS1G83EFR-C4I Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G83EFR-G7Q HYNIX-H5PS1G83EFR-G7Q Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G83EFR-S5P HYNIX-H5PS1G83EFR-S5P Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G63JFR HYNIX-H5PS1G63JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com