Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G83JFR Datasheet(PDF) 59 Page - Hynix Semiconductor

Part # H5PS1G83JFR
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G83JFR Datasheet(HTML) 59 Page - Hynix Semiconductor

Back Button H5PS1G83JFR Datasheet HTML 54Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 55Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 56Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 57Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 58Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 59Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 60Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 61Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 62Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
Rev. 1.7 / Apr. 2012
59
Release
H5PS1G83JFR Series
31. These parameters are specified per their average values, however it is understood that the following
relationship between the average timing and the absolute instantaneous timing holds at all times. (Min and
max of SPEC values are to be used for calculations in the table below.
Example: For DDR2-1066, tCH(abs),min = ( 0.48 x 1875 ps ) - 75 ps = 825 ps
32. tHP is the minimum of the absolute half period of the actual input clock. tHP is an input parameter but not an input
specification parameter. It is used in conjunction with tQHS to derive the DRAM output timing tQH.
The value to be used for tQH calculation is determined by the following equation;
tHP = Min ( tCH(abs), tCL(abs) ),
where,
tCH(abs) is the minimum of the actual instantaneous clock HIGH time;
tCL(abs) is the minimum of the actual instantaneous clock LOW time;
Parameter
Symbol
DDR2-1066
Units
Notes
min
max
Clock period jitter
tJIT(per)
-90
90
ps
30
Clock period jitter during DLL locking period
tJIT(per,lck)
-80
80
ps
30
Cycle to cycle clock period jitter
tJIT(cc)
-180
180
ps
30
Cycle to cycle clock period jitter during DLL lock-
ing period
tJIT(cc,lck)
-160
160
ps
30
Cumulative error across 2 cycles
tERR(2per)
-132
132
ps
30
Cumulative error across 3 cycles
tERR(3per)
-157
157
ps
30
Cumulative error across 4 cycles
tERR(4per)
-175
175
ps
30
Cumulative error across 5 cycles
tERR(5per)
-188
188
ps
30
Cumulative error across n cycles,
n=6...10, inclusive
tERR(6~10per)
-250
250
ps
30
Cumulative error across n cycles,
n=11...50, inclusive
tERR(11~50per)
-425
425
ps
30
Duty cycle jitter
tJIT(duty)
-75
75
ps
30
Parameter
Symbol
min
max
Units
Absolute clock period
tCK(abs)
tCK(avg),min+tJIT(per),min
tCK(avg),max+tJIT(per),max
ps
Absolute clock HIGH pulse width
tCH(abs)
tCH(avg),min x tCK(avg),min +
tJIT(duty),min
tCH(avg),max x tCK(avg),max +
tJIT(duty),max
ps
Absolute clock LOW pulse width
tCL(abs)
tCL(avg),min x tCK(avg),min +
tJIT(duty),min
tCL(avg),max x tCK(avg),max +
tJIT(duty),max
ps


Similar Part No. - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83EFR HYNIX-H5PS1G83EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
H5PS1G83EFR-C4I HYNIX-H5PS1G83EFR-C4I Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G83EFR-G7Q HYNIX-H5PS1G83EFR-G7Q Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G83EFR-S5P HYNIX-H5PS1G83EFR-S5P Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G63JFR HYNIX-H5PS1G63JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com