Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

H5PS1G63JFRS6C Datasheet(PDF) 14 Page - Hynix Semiconductor

Part No. H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 10Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 11Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 12Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 13Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 14Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 15Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 16Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 17Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
Rev. 1.7 / Nov. 2011
14
Release
H5PS1G63JFR Series
3.3.3 OCD default characteristics
Note :
1. Absolute Specifications ( Toper; VDD = +1.8V ±0.1V, VDDQ = +1.8V ±0.1V)
2. Impedance measurement condition for output source dc current: VDDQ=1.7V; VOUT=1420mV; (VOUT-
VDDQ)/Ioh must be less than 23.4 ohms for values of VOUT between VDDQ and VDDQ-280mV.
Impedance measurement condition for output sink dc current: VDDQ = 1.7V; VOUT = 280mV; VOUT/Iol must be
less than 23.4 ohms for values of VOUT between 0V and 280mV.
3. Mismatch is absolute value between pull-up and pull-dn, both are measured at same temperature and voltage.
4. Slew rate measured from vil(ac) to vih(ac).
5. The absolute value of the slew rate as measured from DC to DC is equal to or greater than the slew rate as
measured from AC to AC. This is guaranteed by design and characterization.
6. This represents the step size when the OCD is near 18 ohms at nominal conditions across all process
corners/variations and represents only the DRAM uncertainty. A 0 ohm value(no calibration) can only be achieved
if the OCD impedance is 18 ohms +/- 0.75 ohms under nominal conditions.
Output Slew rate load:
7. DRAM output slew rate specification applies to 400, 533 and 667 MT/s speed bins.
8. Timing skew due to DRAM output slew rate mis-match between DQS / DQS and associated DQs is included in
tDQSQ and tQHS specification.
Description
Parameter
Min
Nom
Max
Unit
Notes
Output impedance
-
-
-
ohms
1
Output impedance step size for OCD calibration
0
1.5
ohms
6
Pull-up and pull-down mismatch
0
4
ohms
1,2,3
Output slew rate
Sout
1.5
-
5
V/ns
1,4,5,6,7,8
VTT
25 ohms
Output
(Vout)
Reference
point


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart No.DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart No.DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
HY5PS1G821M HYNIX-HY5PS1G821M Datasheet
5Mb / 79P
   1Gb DDR2 SDRAM(DDP)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz