Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

H5PS1G63JFRS6C Datasheet(PDF) 22 Page - Hynix Semiconductor

Part No. H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 18Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 19Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 20Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 21Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 22Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 23Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 24Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 25Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
Rev. 1.7 / Nov. 2011
22
Release
H5PS1G63JFR Series
Parameter
Symbol
DDR2-400
DDR2-533
Units
Notes
min
max
min
max
Four Active Window for 1KB page size
products
tFAW
37.5
-
37.5
-
ns
Four Active Window for 2KB page size
products
tFAW
50
-50
-
ns
CAS to CAS command delay
tCCD
2
2
tCK
Write recovery time
tWR
15
-15
-
ns
Auto precharge write recovery +
precharge time
tDAL
WR+tRP*
-
WR+tRP*
-
tCK
14
Internal write to read command delay
tWTR
10
-7.5
-
ns
24
Internal read to precharge command delay
tRTP
7.5
7.5
ns
3
Exit self refresh to a non-read command
tXSNR
tRFC + 10
tRFC + 10
ns
Exit self refresh to a read command
tXSRD
200
-
200
-
tCK
Exit precharge power down to any non-
read command
tXP
2
-
2
-
tCK
Exit active power down to read command
tXARD
2
2
tCK
1
Exit active power down to read command
(Slow exit, Lower power)
tXARDS
6 - AL
6 - AL
tCK
1, 2
CKE minimum pulse width
(HIGH and LOW pulse width)
tCKE
3
3
tCK
27
ODT turn-on delay
tAOND
2
2
2
2
tCK
16
ODT turn-on
tAON
tAC(min)
tAC(max)
+1
tAC(min)
tAC(max)
+1
ns
16
ODT turn-on(Power-Down mode)
tAONPD
tAC(min)+
2
2tCK+tAC
(max)
+1
tAC(min)+
2
2tCK+tA
C(max)+1
ns
ODT turn-off delay
tAOFD
2.5
2.5
2.5
2.5
tCK
17,44
ODT turn-off
tAOF
tAC(min)
tAC(max)
+ 0.6
tAC(min)
tAC(max)
+ 0.6
ns
17,44
ODT turn-off (Power-Down mode)
tAOFPD
tAC(min)+
2
2.5tCK+tA
C(max)+1
tAC(min)+
2
2.5tCK+t
AC(max)
+1
ns
ODT to power down entry latency
tANPD
3
3
tCK
ODT power down exit latency
tAXPD
8
8
tCK
OCD drive mode output delay
tOIT
0
12
0
12
ns
Minimum time clocks remains ON after
CKE asynchronously drops LOW
tDelay
tIS+tCK+tI
H
tIS+tCK+tI
H
ns
15
-Continued-


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart No.DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart No.DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
HY5PS1G821M HYNIX-HY5PS1G821M Datasheet
5Mb / 79P
   1Gb DDR2 SDRAM(DDP)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com