Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

H5PS1G63JFRS6C Datasheet(PDF) 34 Page - Hynix Semiconductor

Part No. H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 34 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 30Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 31Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 32Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 33Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 34Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 35Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 36Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 37Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 38Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
Rev. 1.7 / Nov 2011
34
Release
H5PS1G63JFR Series
9. tIS and
tIH (input
setup and
hold) derat-
ing
△tIS
△tIH
△tIS
△tIH
△tIS
△tIH
Uni ts
Note s
4.0
+187
+94
+217
+124
+247
+154
ps
1
3.5
+179
+89
+209
+119
+239
+149
ps
1
3.0
+167
+83
+197
+113
+227
+143
ps
1
2.5
+150
+75
+180
+105
+210
+135
ps
1
2.0
+125
+45
+155
+75
+185
+105
ps
1
1.5
+83
+21
+113
+51
+143
+81
ps
1
1.0
+0
0
+30
+30
+60
+60
ps
1
0.9
-11
-14
+19
+16
+49
+46
ps
1
0.8
-25
-31
+5
-1
+35
+29
ps
1
0.7
-43
-54
-13
-24
+17
+6
ps
1
0.6
-67
-83
-37
-53
-7
-23
ps
1
0.5
-110
-125
-80
-95
-80
-65
ps
1
0.4
-175
-188
-145
-158
-115
-128
ps
1
0.3
-285
-292
-255
-262
-225
-232
ps
1
0.25
-350
-375
-320
-345
-290
-315
ps
1
0.2
-525
-500
-495
-470
-465
-440
ps
1
0.15
-800
-708
-770
-678
-740
-648
ps
1
0.1
-1450
-1125
-1420
-1095
-1390
-1065
ps
1
tIS, tIH Derating Values for DDR2-400, DDR2-533
Command /
Address
Slew
rate(V/ns)
2.0 V/ns
CK, CK Differential Slew Rate
1.5 V/ns
1.0 V/ns


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart No.DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart No.DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
HY5PS1G821M HYNIX-HY5PS1G821M Datasheet
5Mb / 79P
   1Gb DDR2 SDRAM(DDP)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com