Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

H5PS1G63JFRS6C Datasheet(PDF) 42 Page - Hynix Semiconductor

Part No. H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 42 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 38Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 39Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 40Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 41Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 42Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 43Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 44Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 45Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 46Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
Rev. 1.7 / Nov 2011
42
Release
H5PS1G63JFR Series
the same amount as the actual amount of tCH (avg) offset present at the DRAM input with respect to 0.5.
For example, if an input clock has a worst case tCH (avg) of 0.48, the tAOF, min should be derated by sub-
tracting 0.02 x tCK (avg) from it, whereas if an input clock has a worst case tCH (avg) of 0.52, the tAOF,
max should be derated by adding 0.02 x tCK (avg) to it. Therefore, we have;
tAOF, min (derated) = tAC, min - [0.5 - Min(0.5, tCH (avg), min)] x tCK (avg)
tAOF, max (derated) = tAC, max + 0.6 + [Max(0.5, tCH (avg), max) - 0.5] x tCK (avg)
or
tAOF, min (derated) = Min (tAC, min, tAC, min - [0.5 - tCH (avg), min] x tCK (avg))
tAOF, max (derated) = 0.6 + Max (tAC, max, tAC, max + [tCH (avg), max - 0.5] x tCK (avg))
where tCH (avg), min and tCH (avg), max are the minimum and maximum of tCH (avg) actually measured
at the DRAM input balls.
Note that these deratings are in addition to the tAOF derating per input clock jitter, i.e. tJIT (duty) and
tERR(6-10per). However tAC values used in the equations shown above are from the timing parameter
table and are not derated. Thus the final derated values for tAOF are;
tAOF, min (derated _ final) = tAOF, min (derated) + {- tJIT (duty), max - tERR(6-10per),max}
tAOF, max (derated _ final) = tAOF, max (derated) + {- tJIT (duty), min - tERR(6-10per),min}


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart No.DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart No.DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
HY5PS1G821M HYNIX-HY5PS1G821M Datasheet
5Mb / 79P
   1Gb DDR2 SDRAM(DDP)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com