Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

H5PS1G63JFRS6C Datasheet(PDF) 50 Page - Hynix Semiconductor

Part No. H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 50 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 46Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 47Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 48Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 49Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 50Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 51Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 52Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 53Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 54Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
Rev. 1.7 / Nov 2011
50
Release
H5PS1G63JFR Series
Specific Notes for dedicated AC parameters
1. User can choose which active power down exit timing to use via MRS(bit 12). tXARD is expected to be used for fast
active power down exit timing. tXARDS is expected to be used for slow active power down exit timing where a lower
power value is defined by each vendor data sheet.
2. AL = Additive Latency
3. This is a minimum requirement. Minimum read to precharge timing is AL + BL/2 providing the tRTP and tRAS(min)
have been satisfied.
4. A minimum of two clocks (2 * tCK) is required irrespective of operating frequency
5. Timings are guaranteed with command/address input slew rate of 1.0 V/ns. See System Derating for other slew rate
values.
6. Timings are guaranteed with data, mask, and (DQS/RDQS in singled ended mode) input slew rate of 1.0 V/ns.
See System Derating for other slew rate values.
7. Timings are guaranteed with CK/CK differential slew rate of 2.0 V/ns. Timings are guaranteed for DQS signals with a
differen tial slew rate of 2.0 V/ns in differential strobe mode and a slew rate of 1V/ns in single ended mode. See System
Derating for other slew rate values.
1) For all input signals the total tIS(setup time) and tIH(hold) time) required is calculated by adding the data-
sheet value to the derating value listed in above Table.
Setup(tIS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of
VREF(dc) and the first crossing of VIH(ac)min. Setup(tIS) nominal slew rate for a falling signal is defined as the
slew rate between the last crossing of VREF(dc) and the first crossing of VIL(ac)max. If the actual signal is
always earlier than the nominal slew rate for line between shaded ‘VREF(dc) to ac region’, use nominal slew
rate for derating value(see fig a.) If the actual signal is later than the nominal slew rate line anywhere
between shaded ‘VREF(dc) to ac region’, the slew rate of a tangent line to the actual signal from the ac level to
dc level is used for derating value(see Fig b.)
Hold(tIH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of
VIL(dc)max and the first crossing of VREF(dc). Hold(tIH) nominal slew rate for a falling signal is defined as the
slew rate between the last crossing of VREF(dc). If the actual signal is always later than the nominal slew rate
line between shaded ‘dc to VREF(dc) region’, use nominal slew rate for derating value(see Fig.c)
tDS
tDH
tDS
tDH
tDS
tDH
tDS
tDH
tDS
tDH
tDS
tDH
tDS
tDH
tDS
tDH
tDS
tDH
2.0
100
45
100
45
100
45
--
---------
-
1.5
67
21
67
21
67
21
79
33
---------
-
1.0
000000
12
12
24
24
-------
-
0.9
--
-5
-14
-5
-14
7
-2
19
10
31
22
-----
-
0.8
----
-13
-31
-1
-19
11
-7
23
5
35
17
---
-
0.7
------
-10
-42
2
-30
14
-18
26
-6
38
6
-
-
0.6
--------
-10
-59
2
-47
14
-35
26
-23
38
-11
0.5
--------
--
-24
-89
-12
-77
0
-65
12
-53
0.4
--------
----
-52
-140
-40
-128
-28
-116
tDS, tDH Derating Values for DDR2-1066(ALL units in 'ps', Note 1 applies to entire Table)
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
4.0 V/ns
3.0 V/ns
0.8 V/ns
DQ
Slew
rate
V/ns
DQS, DQS Differential Slew Rate
2.0 V/ns
1.8 V/ns


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart No.DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart No.DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
HY5PS1G821M HYNIX-HY5PS1G821M Datasheet
5Mb / 79P
   1Gb DDR2 SDRAM(DDP)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com