Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMA-7-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # GMA-7-R
Description  5 x 20mm Fast-acting Glass Tube Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GMA-7-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  GMA-7-R Datasheet HTML 1Page - Cooper Bussmann, Inc. GMA-7-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time-Current Curve – GMA-R 1-15A
Time-Current Curve – GMA-R 63mA-800mA
Packaging Code
Packaging Code
Description
BK
100 fuses packed into a cardboard carton
BK1
1000 fuses packed into a poly bag
TR2
1500 fuses packed into tape on a reel (19.05mm lead wire length)
Option Code
Option Code
Description
V
Axial leads - copper tinned wire with nickel-plated brass overcaps
0410
BU-SB091174
Page 2 of 2
Data Sheet 2017
© 2010 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com


Similar Part No. - GMA-7-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMA-7-R COOPER-GMA-7-R Datasheet
299Kb / 2P
   5 x 20mm Fast-acting Glass Tube Fuses GMA Series
GMA-7-R COOPER-GMA-7-R Datasheet
299Kb / 2P
   5 x 20mm Fast-acting Glass Tube Fuses
logo
Eaton All Rights Reserv...
GMA-7-R EATON-GMA-7-R Datasheet
439Kb / 2P
   5 mm x 20 mm Fast-acting glass tube fuses
More results

Similar Description - GMA-7-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMA-1A COOPER-GMA-1A Datasheet
299Kb / 2P
   5 x 20mm Fast-acting Glass Tube Fuses
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
   5 x 20mm Fast-acting Glass Tube Fuses GMA Series
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
   5 x 20mm, Fast-Acting, Ceramic Tube Fuses
C518-100-R COOPER-C518-100-R Datasheet
234Kb / 2P
   5 x 15mm Fast-Acting Glass Tube Fuses
logo
Eaton All Rights Reserv...
C517 EATON-C517 Datasheet
245Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
S500 EATON-S500 Datasheet
252Kb / 2P
   5 mm x 20 mm Fast-acting glass tube fuses
C520 EATON-C520 Datasheet
288Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
C518 EATON-C518 Datasheet
310Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
GDB EATON-GDB Datasheet
627Kb / 2P
   5 mm x 20 mm Fast-acting glass tube fuses
GMA EATON-GMA Datasheet
439Kb / 2P
   5 mm x 20 mm Fast-acting glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com