Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61082-101009 Datasheet(PDF) 4 Page - FCI connector

Part # 61082-101009
Description  1.MATERIAL HOUSING LCP UL 94V-O
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

61082-101009 Datasheet(HTML) 4 Page - FCI connector

  61082-101009 Datasheet HTML 1Page - FCI connector 61082-101009 Datasheet HTML 2Page - FCI connector 61082-101009 Datasheet HTML 3Page - FCI connector 61082-101009 Datasheet HTML 4Page - FCI connector 61082-101009 Datasheet HTML 5Page - FCI connector 61082-101009 Datasheet HTML 6Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PDM: Rev:AA
Released
.
STATUS:
Printed: Dec 01, 2010


Similar Part No. - 61082-101009

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61082-101 MICROPAC-61082-101 Datasheet
79Kb / 2P
   FIBER OPTIC PIN PHOTODIODE
logo
FCI connector
61082-101400LF FCI-CONNECTOR-61082-101400LF Datasheet
473Kb / 6P
   BERGSTAK 0.8MM
61082-101602LF FCI-CONNECTOR-61082-101602LF Datasheet
473Kb / 6P
   BERGSTAK 0.8MM RECEPTACLE ASSY
More results

Similar Description - 61082-101009

ManufacturerPart #DatasheetDescription
logo
FCI connector
87022 FCI-CONNECTOR-87022 Datasheet
246Kb / 3P
   HOUSING MATERIAL: LCP GLASS FILLED FLAME RETARDANT PER UL 94V-0
87024 FCI-CONNECTOR-87024 Datasheet
271Kb / 3P
   HOUSING MATERIAL: LCP GLASS FILLED FLAME RETARDANT PER UL 94V-0
logo
Nanjing International G...
5.0SMDJ12 DGNJDZ-5.0SMDJ12 Datasheet
102Kb / 4P
   Plastic material has UL flammability classification 94V-O
logo
Sangdest Microelectroni...
SDURF3020 SMC-SDURF3020 Datasheet
206Kb / 5P
   Plastic Material has UL Flammability Classification 94V-O
MUR3020WT SMC-MUR3020WT Datasheet
260Kb / 6P
   Plastic Material has UL Flammability Classification 94V-O
SMBJ SMC-SMBJ Datasheet
277Kb / 8P
   Plastic Case Material has UL Flammability Classification Rating 94V-O
SMDJ SMC-SMDJ Datasheet
255Kb / 6P
   Plastic Case Material has UL Flammability Classification Rating 94V-O
logo
List of Unclassifed Man...
3230-06-0101-00 ETC2-3230-06-0101-00 Datasheet
52Kb / 1P
   INSULATOR MATERIAL: PBT, UL 94V-0
logo
FCI connector
73542 FCI-CONNECTOR-73542 Datasheet
178Kb / 2P
   HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL 94V-0
87023 FCI-CONNECTOR-87023 Datasheet
331Kb / 4P
   HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL 94V-0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com