Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1849KPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD1849KPZ
Description  Serial-Port 16-Bit SoundPort짰 Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1849KPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1849KPZ Datasheet HTML 7Page - Analog Devices AD1849KPZ Datasheet HTML 8Page - Analog Devices AD1849KPZ Datasheet HTML 9Page - Analog Devices AD1849KPZ Datasheet HTML 10Page - Analog Devices AD1849KPZ Datasheet HTML 11Page - Analog Devices AD1849KPZ Datasheet HTML 12Page - Analog Devices AD1849KPZ Datasheet HTML 13Page - Analog Devices AD1849KPZ Datasheet HTML 14Page - Analog Devices AD1849KPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD1849K
REV. A
–11–
CONTROL REGISTERS
The AD1849K SoundPort Stereo Codec accepts control information through its serial port when in Control Mode. Some control
information is also embedded in the data stream when in Data Mode. (See Figure 8.) Control bits can also be read back for system
verification. Operation of the AD1849K is determined by the state of these control bits. The 64-bit serial Control Mode and Data
Mode control registers have been arbitrarily broken down into bytes for ease of description. All control bits initialize to default states
after
RESET or Power Down. Those control bits that cannot be changed in Control Mode are initialized to defaults on the transition
from Data Mode to Control Mode. See below for a definition of these defaults.
Control Mode Control Registers
Control Byte 1, Status Register
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
001
MB
O L B
DCB
0
AC
63
62
61
60
59
58
57
56
MB
Mic bypass:
0
Mic inputs applied to 20 dB fixed gain block.
1
Mic inputs bypass 20 dB fixed gain block.
OLB
Output level bit:
0
Full-scale line 0 output is 2.8 V p-p (1 V rms).
Full-scale line 1 output is 4.0 V p-p.
Full-scale mono speaker output is 8.0 V p-p.
1
Full-scale line 0 output is 2.0 V p-p.
Full-scale line 1 output is 2.0 V p-p.
Full-scale mono speaker output is 4.0 V p-p.
DCB
Data/control bit. Used for handshaking in data/control transitions. See “DCB Handshake Protocol.”
AC
Autocalibration.
Autocalibration will always occur on the Control-to-Data mode transition. The AC bit is ignored. Autocalibration
requires an interval of 194 frames. Offsets for all channels of ADC and DAC are zeroed. The user should specify that
analog outputs are muted to prevent undesired outputs, i.e., OM0 = “0,” OM1 = “0,” and SM =“0.” Monitor mix will
be automatically disabled by the Codec.


Similar Part No. - AD1849KPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1849KP AD-AD1849KP Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
More results

Similar Description - AD1849KPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1843 AD-AD1843 Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1843 AD-AD1843_15 Datasheet
1Mb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com