Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3222ARS-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM3222ARS-REEL7
Description  Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3222ARS-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM3222ARS-REEL7 Datasheet HTML 5Page - Analog Devices ADM3222ARS-REEL7 Datasheet HTML 6Page - Analog Devices ADM3222ARS-REEL7 Datasheet HTML 7Page - Analog Devices ADM3222ARS-REEL7 Datasheet HTML 8Page - Analog Devices ADM3222ARS-REEL7 Datasheet HTML 9Page - Analog Devices ADM3222ARS-REEL7 Datasheet HTML 10Page - Analog Devices ADM3222ARS-REEL7 Datasheet HTML 11Page - Analog Devices ADM3222ARS-REEL7 Datasheet HTML 12Page - Analog Devices ADM3222ARS-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM3202/ADM3222/ADM1385
Rev. E | Page 9 of 16
Transmitter (Driver) Section
The drivers convert 3.3 V logic input levels into RS-232 output
levels. With VCC = 3.3 V and driving an RS-232 load, the output
voltage swing is typically ±6 V.
Receiver Section
The receivers are inverting level-shifters that accept RS-232
input levels and translate them into 3 V logic output levels. The
inputs have internal 5 kΩ, pull-down resistors to ground and are
protected against overvoltages up to ±30 V. Unconnected inputs
are pulled to 0 V by the internal 5 kΩ, pull-down resistor. This
results in a Logic 1 output level for unconnected inputs or for
inputs connected to GND.
The receivers have Schmitt-trigger inputs with a hysteresis level
of 0.4 V. This ensures error-free reception for both noisy inputs
and for inputs with slow transition times.
HIGH BAUD RATE
The ADM3202/ADM3222 feature high slew rates permitting
data transmission at rates well in excess of the EIA/RS-232E
specifications. RS-232 voltage levels are maintained at data rates
up to 460 kbps even under worst-case loading conditions. This
allows high speed data links between two terminals and is
suitable for the new generation ISDN modem standards that
require data rates of 230 kbps. The slew rate is internally
controlled to less than 30 V/μs to minimize EMI interference.


Similar Part No. - ADM3222ARS-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3222ARS-REEL7 AD-ADM3222ARS-REEL7 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
More results

Similar Description - ADM3222ARS-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3202ARN-REEL AD-ADM3202ARN-REEL Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARUZ-REEL7 AD-ADM3202ARUZ-REEL7 Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202 Datasheet
153Kb / 8P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
REV. A
ADM3222ARSZ AD-ADM3222ARSZ Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202_V01 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com