Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM234LAQ Datasheet(PDF) 8 Page - Analog Devices

Part # ADM234LAQ
Description  5 V-Powered CMOS RS-232 Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM234LAQ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM234LAQ Datasheet HTML 4Page - Analog Devices ADM234LAQ Datasheet HTML 5Page - Analog Devices ADM234LAQ Datasheet HTML 6Page - Analog Devices ADM234LAQ Datasheet HTML 7Page - Analog Devices ADM234LAQ Datasheet HTML 8Page - Analog Devices ADM234LAQ Datasheet HTML 9Page - Analog Devices ADM234LAQ Datasheet HTML 10Page - Analog Devices ADM234LAQ Datasheet HTML 11Page - Analog Devices ADM234LAQ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADM231L–ADM234L/ADM236L–ADM241L
Rev. C | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (mA)
–15
510
V+
15
V–
20
0
–10
–5
0
5
10
15
Figure 12. Charge Pump V+ and V− vs. Current
LOAD CAPACITANCE (pF)
0
0
500
5
NEGATIVE
SLEW
50
1000
10
15
20
25
30
35
40
45
POSITIVE
SLEW
1500
2000
2500
3000
Figure 13. Transmitter Slew Rate vs. Load Capacitance
VCC (V)
–9
4.0
4.5
5.0
5.5
6.0
–7
–5
–3
–1
1
3
5
7
9
Tx O/P HI LOADED
Tx O/P LO LOADED
Figure 14. Transmitter Output Voltage vs. VCC
LOAD CURRENT (mA)
–15
0
Tx O/P HI
48
–10
–5
0
5
10
15
Tx O/P LO
10
6
2
Figure 15. Transmitter Output Voltage vs. Current
VCC (V)
0
4.5
4.7
200
100
50
V+ IMP
V– IMP
150
250
300
350
4.9
5.1
5.3
5.5
Figure 16. Charge Pump Impedance vs. VCC


Similar Part No. - ADM234LAQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM234LAQ AD-ADM234LAQ Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM234LAQ AD-ADM234LAQ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
More results

Similar Description - ADM234LAQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com