Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJRF4N3FB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJRF4N3FB
Description  High Frequency Use Non Magnetic Core RF RE ND NC NA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF4N3FB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJRF4N3FB Datasheet HTML 1Page - Panasonic Semiconductor ELJRF4N3FB Datasheet HTML 2Page - Panasonic Semiconductor ELJRF4N3FB Datasheet HTML 3Page - Panasonic Semiconductor ELJRF4N3FB Datasheet HTML 4Page - Panasonic Semiconductor ELJRF4N3FB Datasheet HTML 5Page - Panasonic Semiconductor ELJRF4N3FB Datasheet HTML 6Page - Panasonic Semiconductor ELJRF4N3FB Datasheet HTML 7Page - Panasonic Semiconductor ELJRF4N3FB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
123456789
10
11
Shape
Size : mm (inch)
Product code
Inductance
Packaging Design No.
Taping
Inductance tolerance
F
Chip Inductors
RF
RE
ND
NC
NA
1005 (0402)
1608 (0603)
2012 (0805)
2520 (1008)
3225 (1210)
1.5 nH
10 nH
220 nH
3.3 μH
1N5
10N
R22
3R3
±0.2 nH
±0.3 nH
±2 %
±5 %
±10 %
±20 %
Z
D
G
J
K
M
123456789
10
11
1. High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA
Features
● High frequency capability due to its non magnetic core.
● Capable of being Re-flow or flow soldered.
● Wide line-up from 1005 to 3225 case sizes.
● Good for mounting.
● RoHS compliant
Recommended Applications
● RF circuitry for cellular phones and wireless communication equipment.
Explanation of Part Numbers
■Storage Conditions
● Package
: Normal temperature (–5 to 35 °C), normal humidity (85 %RH max.), shall not be exposed to
direct sunlight and harmful gases and care should be taken so as not to cause dew.
● Operating Temperature : –40 to +85 °C (RF, RE)
–20 to +85 °C (ND, NC, NA)
■Storage Period
● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation
of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the
passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt.
■Packaging Methods, Soldering Conditions and Safety Precautions
Please see Data Files.
Sep. 2012
01
3


Similar Part No. - ELJRF4N3FB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF4N3FB PANASONIC-ELJRF4N3FB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRF4N3FB PANASONIC-ELJRF4N3FB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRF4N3FB PANASONIC-ELJRF4N3FB Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF4N3FB PANASONIC-ELJRF4N3FB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF4N3FB PANASONIC-ELJRF4N3FB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJRF4N3FB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF10NJFB PANASONIC-ELJRF10NJFB Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant
ELJNDR10JF PANASONIC-ELJNDR10JF Datasheet
92Kb / 5P
   1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
   Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
ELJ-NCR18JF PANASONIC-ELJ-NCR18JF Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core)
ELJ-RE33NJFA PANASONIC-ELJ-RE33NJFA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJJRF PANASONIC-ELJJRF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-EA331KF PANASONIC-ELJ-EA331KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-FA3R9KF PANASONIC-ELJ-FA3R9KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
logo
Rhombus Industries Inc.
T-1474 RHOMBUS-IND-T-1474 Datasheet
19Kb / 1P
   HIGH FREQUENCY MAGNETIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com