Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52435-2226 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 52435-2226
Description  0.5 FPC CONN ZIF FOR SMT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

52435-2226 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  52435-2226 Datasheet HTML 1Page - Molex Electronics Ltd. 52435-2226 Datasheet HTML 2Page - Molex Electronics Ltd. 52435-2226 Datasheet HTML 3Page - Molex Electronics Ltd. 52435-2226 Datasheet HTML 4Page - Molex Electronics Ltd. 52435-2226 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Similar Part No. - 52435-2226

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52435-2271 MOLEX7-52435-2271 Datasheet
420Kb / 8P
   0.50mm (.020") Pitch SMT Right-Angle FFC/FPC Connector, 22 Circuits, Gold (Au)Contact Plating
More results

Similar Description - 52435-2226

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0526891687 MOLEX11-0526891687 Datasheet
629Kb / 6P
   0.5 FPC CONN NON ZIF HSG ASSY FOR SMT
52435-3091 MOLEX-52435-3091 Datasheet
453Kb / 5P
   0.5 FPC CONN ZIF FOR SMT R/A (UPPER CONTAT)
52559-1092 MOLEX-52559-1092 Datasheet
274Kb / 4P
   0.5 FPC CONN ASSY ZIF SMT ST EMBSTP PKG
155200 MOLEX11-155200 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT
54104-3292 MOLEX11-54104-3292 Datasheet
605Kb / 6P
   0.5 FPC Conn Zif Hsg Assy for SMT RA Upr Cont
52559-2072 MOLEX5-52559-2072 Datasheet
452Kb / 6P
   0.5 FPC CONN ASSY ZIF SMT ST EMBSTP PKG
52559-2092 MOLEX11-52559-2092 Datasheet
447Kb / 6P
   0.5 FPC CONN. Z.I.F. FOR SMT. STRAIGHT
52207-0890 MOLEX11-52207-0890 Datasheet
489Kb / 6P
   1,0mm pitch FPC Conn ZIF SMT
52207-1590 MOLEX-52207-1590 Datasheet
361Kb / 5P
   1.0mm Pitch FPC Conn ZIF SMT
0545481070 MOLEX11-0545481070 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT -LEAD FREE-
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com